Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB223 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB223
Description  USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB223 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB223 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB223 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.pericom.com
10/27/15
All trademarks are property of their respective owners.
Features
• Single+2.7Vto+4.4VSupplyVoltage
• Low50µASupplyCurrent
• -3dBBandwidth:1500MHz(typ)
• Low2.5Ω(typ)On-Resistance
• THD+N:0.02%
• ShortingD+/RandD-/LtoVbuswillnotcauseleakagewhen
VDD=0
• InternalShuntResistorsforClick-and-PopReduction
• VBUSDetectionforAutomaticSwitchPathSelection
• Packaging(Pb-free&Greenavailable):
=10-pincontactUQFN,1.4x1.8,(ZM10)
Description
ThePI3USB223combinesACcoupledaudiosignalsandUSB2.0
HS(480Mbps)onthesamepins.Thisenablesuserstouseasingle
connectortodriveeitheraUSBendpointoranaudioendpoint.
PI3USB223incorporatesgatepumptechnologyrequiredtomain-
tainlowRonforidealaudioTHDwhilereducingthecapacitance
affectofhighspeedUSBsignals.Thedevicealsoincorporatesa
substratepumptechnologywhichallows-2Vsignalstopassthrough
theswitchwithoutcausinganyleakage.
ThePI3USB223featuresprotectiononD+/RandD-/Ltoensureno
damagewillhappentotheICifthesepinsareshortedaccidentally
toVbusaswellasensuringthereisnoleakagewhenVDDisonor
off.Also,itincludesVBUSdetection(VB)toautomaticallyswitch
totheUSBsignalpathupondetectionofavalidVBUSsignal.It
alsofeaturesinternalshuntresistorsontheaudiopathtoreduce
clicksandpopsheardduringoutput.Thedeviceisavailableina
space-saving10-pin,1.4mmx1.8mmUQFNpackage,andoperate
overthe-40°Cto+85°Ctemperaturerange.
Block Diagram
PI3USB223
USB 2.0 High-Speed and Audio Switches with
Negative Signal Capability
Truth Table
ASEL
VDD
VBUS
L/R
D+/D- L/R Shunt
X
L
L
OFF
OFF
OFF
X
H
L
OFF
OFF
ON
X
L
H
OFF
OFF
OFF
L
H
H
OFF
ON
ON
H
H
H
ON
OFF
OFF
Pin Diagram
8
9
10
5
4
3
VDD
GND
L
ASEL
VBUS
D+
7
6
1
2
8
9
10
VVBDET
VBUS
D+/R
D-/L
D+
D-
R
L
ASEL
15-0127


Similar Part No. - PI3USB223

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3USB221 PERICOM-PI3USB221 Datasheet
1Mb / 12P
High-Speed USB2.0 1 2 Multiplexer/ DeMultiplexer Switch with Signal Enable
More results

Similar Description - PI3USB223

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA221 FAIRCHILD-FSA221_07 Datasheet
116Kb / 2P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
FSA223 FAIRCHILD-FSA223 Datasheet
189Kb / 2P
USB2.0 High-Speed (480Mbps) and Audio Switches with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14531E MAXIM-MAX14531E Datasheet
71Kb / 5P
USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability and 짹15kV ESD
Rev 0; 4/09
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_11 Datasheet
420Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
May, 2011 ??Rev. 3
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com