Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSH13005AF Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # KSH13005AF
Description  Suitable for switching regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

KSH13005AF Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  KSH13005AF Datasheet HTML 1Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 2Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 3Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 4Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 5Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 6Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 7Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 8Page - SemiHow Co.,Ltd. KSH13005AF Datasheet HTML 9Page - SemiHow Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NPN Silicon Power Transistor, VCBO= 700V, VCEO= 400V, IC= 4A
KSB13005A/KSG13005A/KSU13005A
KSD13005A/KSH13005A/KSH13005AF
CHARACTERISTICS
SYMBOL
RATING
UNIT
TO-
92
TO-
92L
TO-
251(2)
TO-
220
TO-
220F
Collector-Base Voltage
V
CBO
700
V
Collector-Emitter Voltage
V
CEO
400
V
Emitter-Base Voltage
V
EBO
9V
Collector Current(DC)
I
C
4A
Collector Current(Pulse)
I
CP
8A
Base Current
I
B
2A
Collector Dissipation(Tc=25
)
P
C
2.8
3.8
40
75
30
W
Junction Temperature
T
J
150
Storage Temperature
T
STG
-65~150
Absolute Maximum Ratings TC=25
unless otherwise noted
Electrical Characteristics TC=25 unless otherwise noted
* Pulse Test: Pulse Width
CHARACTERISTICS
SYMBOL
Test Condition
Min
Typ.
Max
Unit
Collector-Base Breakdown Voltage
V
CBO
I
C=500 A, IE=0
700
V
Collector-Emitter Breakdown Voltage
V
CEO
I
C=10mA, IB=0
400
V
Emitter Cut-off Current
I
EBO
V
EB=9V,IC=0
1
*DC Current Gain
h
FE1
h
FE2
V
CE=5V,IC=1A
V
CE=5V,IC=2A
20
8
40
40
*Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1A,IB=0.2A
I
C=2A,IB=0.5A
I
C=4A,IB=1A
0.5
0.8
1
V
V
V
*Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1A,IB=0.2A
I
C=2A,IB=0.5A
1.2
1.6
V
V
Output Capacitance
C
ob
V
CB=10V, f=0.1MHz
65
Current Gain Bandwidth Product
f
T
V
CE=10V,IC=0.5A
4
Turn on Time
t
on
Vcc=125V, Ic=2A
I
B1=0.4A, IB2= -0.4A
R
L=62.5
0.8
Storage Time
t
stg
4.0
Fall Time
t
F
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com