Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3V724ZLE Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3V724ZLE
Description  1 to 2 VGA Demux
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V724ZLE Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3V724ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI3V724ZLE Datasheet HTML 13Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
www.pericom.com
10/22/14
PI3V724
1 to 2 VGA Demux
Output Pin Behavior (Pin 29) with Auto Switch Enabled
Output Pin Behavior (Pin 29) with Manual Switching Mode Enabled
MS
Priority
(0 = port 1)
(1 = port 2)
Port 1
monitor Status
0 = Unplug,
1 = plug
Port 2 monitor
Status
0 = Unplug,
1 = plug
Port 1 Path
Port 2 Path
Out Status
0
0
0
0
ON
OFF
Hi Z
0
0
0
1
OFF
ON
Low
0
0
1
0
ON
OFF
Low
0
0
1
1
ON
OFF
Low
0
1
0
0
OFF
ON
Hi Z
0
1
0
1
OFF
ON
Low
0
1
1
0
ON
OFF
Low
0
1
1
1
OFF
ON
Low
MS
Priority
(0 = port 1)
(1 = port 2)
Port 1
monitor Status
0 = Unplug,
1 = plug
Port 2 monitor
Status
0 = Unplug,
1 = plug
Port 1 Path
Port 2 Path
Out Status
1
0
0
x
ON
OFF
Hi Z
1
0
1
x
ON
OFF
Low
1
1
x
0
OFF
ON
Hi Z
1
1
x
1
OFF
ON
Low
Rref (Pin 11) external value Truth Table
Rref
Application Case supported (see page 8 for drawings)
330Kohm Case_150//75
250Kohm Case_75//75
500K
Case_75
14-0168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com