Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VST01 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VST01
Description  HPD signal Generator for VGA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VST01 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VST01 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VST01 Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.pericom.com
07/08/15
PI3VST01
HPD signal Generator for VGA
All trademarks are property of their respective owners.
Absolute Ratings
(Above which the useful life may be impaired. For user guidelines, not tested)
VDD3 (Power Supply)……….......……….…..-0.5V to 4.0V
VDD5 (Power Supply)..........................................-0.5V to 6V
Storage Temperature…………........………-55oC to +150oC
Note:
Stresses greater than those listed under MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect reliability.
DC Electrical Characteristics for Video Switching over Operating Range
(T
A= –40°C to +85°C, VDD3 = 3.3V±10%, VDD5 = 5.0V±10%)
Parameters Description
Test Conditions
Min. Typ.
Max. Units
RON
Switch On-Resistance, BIN to BOUT
VDD = Min., 0V ≤ Vinput
1.2V, Iinput = –40mA
-
4.75
5.5
ohm
RFLAT(ON)
On-Resistance Flatness, BIN to BOUT
VDD = Min., Vinput @ 0V and
1.2V, Iinput = –40mA
-
0.5
1
VIH,VSYNC
Input High Voltage, VSYNC
2.4
V
VIL,VSYNC
Input Low Voltage, VSYNC
0
0.5
V
VOL,HPD_OUT Output Low Voltage, HPD_OUT
I
OL=2mA
0
0.4
V
IIL
Input leakage current, BIN
V
IN = 0V
-1
1
uA
IIH
Input leakage current, BIN
V
IN = 3.6V
-1
1
uA
IOZL
Output leakage current, BOUT
V
OUT= 0V
-1
1
uA
IOZH
Output leakage current, BOUT
V
OUT = 3.6V
-1
1
uA
IOZH,HPD_OUT Output Leakage Current, HPD_OUT
V
OZ =VDD
1
uA
Parameters
Description
Min.
Typ.
Max.
Units
I
DD3
Current Consumption for 3.3V Rail, case 75//75 or 150//75
200
400
uA
I
DD5
Current Consumption for 5V Rail, case 75//75 or 150//75
0.5
1
uA
Power Supply Characteristics
(T
A= –40°C to +85°C)
15-0090



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com