Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC12H034CIWM Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12H034CIWM
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12H034CIWM Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button ADC12H034CIWM Datasheet HTML 29Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 30Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 31Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 32Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 33Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 34Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 35Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 36Page - National Semiconductor (TI) ADC12H034CIWM Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
Application Hints (Continued)
3.0 REFERENCE VOLTAGE
The difference in the voltages applied to the V
REF
+ and
V
REF
− defines the analog input span (the difference between
the voltage applied between two multiplexer inputs or the
voltage applied to one of the multiplexer inputs and analog
ground), over which 4095 positive and 4096 negative codes
exist. The voltage sources driving V
REF
+ or V
REF
− must have
very low output impedance and noise. The circuit in Figure
16 is an example of a very stable reference appropriate for
use with the device.
The ADC 12030/2/4/8 can be used in either ratiometric or
absolute reference applications. In ratiometric systems, the
analog input voltage is proportional to the voltage used for
the ADC’s reference voltage. When this voltage is the sys-
tem power supply, the V
REF
+ pin is connected to V
A
+ and
V
REF
− is connected to ground. This technique relaxes the
system reference stability requirements because the analog
input voltage and the ADC reference voltage move together.
This maintains the same output code for given input condi-
tions. For absolute accuracy, where the analog input voltage
varies between very specific voltage limits, a time and tem-
perature stable voltage source can be connected to the
reference inputs. Typically, the reference voltage’s magni-
tude will require an initial adjustment to null reference volt-
age induced full-scale errors.
Below are recommended references along with some key
specifications.
Output
Temperature
Part Number
Voltage
Coefficient
Tolerance
LM4041CI-Adj
±0.5%
±100ppm/˚C
LM4040AI-4.1
±0.1%
±100ppm/˚C
LM4120AI-4.1
±0.2%
±50ppm/˚C
LM4121AI-4.1
±0.2%
±50ppm/˚C
LM4050AI-4.1
±0.1
±50ppm/˚C
LM4030AI-4.1
±0.05%
±10ppm/˚C
LM4031AI
±2.2
±26ppm/˚C
LM4031AC
±0.4
±46ppm/˚C
LM4140AC-4.1
±0.1%
±3.0ppm/˚C
Circuit of Figure 16
Adjustable
±2ppm/˚C
The reference voltage inputs are not fully differential. The
ADC12030/2/4/8 will not generate correct conversions or
comparisons if V
REF
+ is taken below V
REF
−. Correct conver-
sions result when V
REF
+ and V
REF
− differ by 1V and remain,
at all times, between ground and V
A
+. The V
REF common
mode range, (V
REF
+ +V
REF
−)/2 is restricted to (0.1 x V
A
+)to
(0.6 x V
A
+). Therefore, with V
A
+ = 5V the center of the
reference ladder should not go below 0.5V or above 3.0V.
Figure 17 is a graphic representation of the voltage restric-
tions on V
REF
+ and V
REF
−.
01135450
FIGURE 15. Fully Differential Biasing
01135442
*Tantalum
FIGURE 16. Low Drift Extremely
Stable Reference Circuit
www.national.com
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com