Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGL1B Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # RGL1B
Description  Fast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

RGL1B Datasheet(HTML) 2 Page - Diotec Semiconductor

  RGL1B Datasheet HTML 1Page - Diotec Semiconductor RGL1B Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
95
28.02.2002
RGL 1A ... RGL 1M
Characteristics
Kennwerte
Forward voltage
T
j = 25
/CI
F = 1 A
V
F
< 1.3 V
Durchlaßspannung
Leakage current
T
A = 25
/CV
R = VRRM
I
R
< 5
:A
Sperrstrom
T
A = 125
/CV
R = VRRM
I
R
< 50
:A
Reverse recovery time
I
F = 0.5A through/über
RGL 1A - G
t
rr
< 150 ns
Sperrverzugszeit
I
R = 1A to/auf IR = 0.25A
RGL 1 J
t
rr
< 250 ns
RGL 1K - M
t
rr
< 500 ns
Thermal resistance junction to ambient air
R
thA
< 150 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 60 K/W
Wärmewiderstand Sperrschicht – Kontaktfläche



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com