Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3245LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3B3245LE
Description  3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3B3245LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3B3245LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3B3245LE Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
www.pericom.com
PS8162i
12/08/10
Alltrademarksarepropertyoftheirrespectiveowners.
PI3B3245
3.3V, Hot Insertion, 8-Bit, 2-Port NanoSwitchTM
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Storage Temperature
-65
150
o
C
Ambient Temperature with Power Applied
-40
85
o
C
Supply Voltage to Ground Potential
-0.5
4.6
V
DC Input Voltage
-0.5
4.6
V
DC Output Current
-
120
mA
Power Dissipation
-
0.5
W
Stress beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
DC Electrical Characteristics (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters Description
Test Conditions(1)
Min
Typ (2)
Max
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
-0.5
0.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
μA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
μA
IOZH
High Impedance Output Current 0 ≤ AN, BN ≤ VCC
±1
μA
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
-1.2
V
RON
Switch On Resistance(3)
VCC = Min., VIN = 0.0V, ION = 48mA
or 64mA
5
8
Ω
VCC = Min, VIN = 2.4V, ION = 15mA
10
17
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. ON resistance is determined by the lower of the voltages on the two
(A,B) pins.
Capacitance (TA = 25°C, f = 1 MHz)
Parameters(1) Description
Test Conditions
Typ
Units
CIN
Input Capacitance
VIN = 0V
3.0
pF
COFF
A/B Capacitance, Switch Off
VIN = 0V
8.0
pF
CON
A/B Capacitance, Switch On
VIN = 0V
16.0
pF
Notes:
1. This parameter is determined by device characterization but is not production tested.
10-0247



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com