Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LQH31HZ95NK03L Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQH31HZ95NK03L
Description  Inductance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH31HZ95NK03L Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQH31HZ95NK03L Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH31HZ95NK03L Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQH31HZ95NK03#
# indicates a package specification code.
< List of part numbers with package codes >
LQH31HZ95NK03L , LQH31HZ95NK03K
Shape
L size
3.2 ±0.3mm
W size
1.6 ±0.2mm
T size
1.8 ±0.2mm
Size code in inch (mm)
1206 (3216)
Specifications
Inductance
95nH ±10%
Inductance test frequency
1MHz
Rated current (Itemp) (Based on Temperature rise)
790mA
Max. of DC resistance
0.0611Ω
Avg. of DC resistance
0.047Ω±30%
Q (min.)
60
Q test frequency
100MHz
Self resonance frequency (min.)
650MHz
Operating temperature range (Self-temperature rise is not included)
-40∼85℃
References
Packaging
code
Specifications
Minimum quantity
φ180mm Embossed taping
2000
φ330mm Embossed taping
7500
Mass (Typ.)
1 piece
0.029g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/21


Similar Part No. - LQH31HZ95NK03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH31HZ54NK03 MURATA-LQH31HZ54NK03 Datasheet
68Kb / 2P
Inductance
LQH31HZ54NK03K MURATA-LQH31HZ54NK03K Datasheet
68Kb / 2P
Inductance
LQH31HZ54NK03L MURATA-LQH31HZ54NK03L Datasheet
68Kb / 2P
Inductance
LQH31HZR14J03 MURATA-LQH31HZR14J03 Datasheet
68Kb / 2P
Inductance
LQH31HZR14J03K MURATA-LQH31HZR14J03K Datasheet
68Kb / 2P
Inductance
More results

Similar Description - LQH31HZ95NK03L

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15CNR39J10 MURATA-LQW15CNR39J10 Datasheet
92Kb / 2P
Inductance
LQW15CNR27K10 MURATA-LQW15CNR27K10 Datasheet
91Kb / 2P
Inductance
LQW15CAR64J00 MURATA-LQW15CAR64J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR56J00 MURATA-LQW15CAR56J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR50J00 MURATA-LQW15CAR50J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR37J00 MURATA-LQW15CAR37J00 Datasheet
74Kb / 2P
Inductance
LQW15CAR27J00 MURATA-LQW15CAR27J00 Datasheet
73Kb / 2P
Inductance
LQW15CAR22K00 MURATA-LQW15CAR22K00 Datasheet
73Kb / 2P
Inductance
LQW15CAR18J00 MURATA-LQW15CAR18J00 Datasheet
73Kb / 2P
Inductance
LQW15CNR14K10 MURATA-LQW15CNR14K10 Datasheet
91Kb / 2P
Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com