Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA158 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SA158
Description  Fast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SA158 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SA158 Datasheet HTML 1Page - Diotec Semiconductor SA158 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Mounted on P.C. board with 25 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 25 mm2 Kupferbelag (Lötpad) an jedem Anschluß
99
28.02.2002
SA 154 … SA 160
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+175
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+175
/C
Characteristics
Kennwerte
Forward voltage – Durchlaßspannung
T
j = 25
/CI
F = 1 A
V
F
< 1.3 V
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 5
:A
T
j = 100
/CV
R = VRRM
I
R
< 100
:A
Reverse recovery time
I
F = 0.5 A through/über
t
rr
< 300 ns
Sperrverzug
I
R = 1 A to/auf IR = 0.25A
Thermal resistance junction to ambient air
R
thA
< 45 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 15 K/W
Wärmewiderstand Sperrschicht – Kontaktfläche



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com