Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4SMAJ13 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # P4SMAJ13
Description  Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

P4SMAJ13 Datasheet(HTML) 3 Page - Diotec Semiconductor

  P4SMAJ13 Datasheet HTML 1Page - Diotec Semiconductor P4SMAJ13 Datasheet HTML 2Page - Diotec Semiconductor P4SMAJ13 Datasheet HTML 3Page - Diotec Semiconductor P4SMAJ13 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
17.12.2002
P4 SMAJ 6.5 ... P4 SMAJ 170A
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
P4 SMAJ 36
36
5
40.0
48.8
64.3
6.2
P4 SMAJ 36A
36
5
40.0
44.4
58.1
6.9
P4 SMAJ 40
40
5
44.4
54.2
71.4
5.6
P4 SMAJ 40A
40
5
44.4
49.3
64.5
6.2
P4 SMAJ 43
43
5
47.8
58.3
76.7
5.2
P4 SMAJ 43A
43
5
47.8
53.1
69.4
5.8
P4 SMAJ 45
45
5
50.0
61.0
80.3
5.0
P4 SMAJ 45A
45
5
50.0
55.5
72.7
5.5
P4 SMAJ 48
48
5
53.3
65.0
85.5
4.7
P4 SMAJ 48A
48
5
53.3
59.2
77.4
5.2
P4 SMAJ 51
51
5
56.7
69.2
91.1
4.4
P4 SMAJ 51A
51
5
56.7
62.9
82.4
4.9
P4 SMAJ 54
54
5
60.0
73.2
96.3
4.2
P4 SMAJ 54A
54
5
60.0
66.6
87.1
4.6
P4 SMAJ 58
58
5
64.4
78.6
103
3.9
P4 SMAJ 58A
58
5
64.4
71.5
93.6
4.3
P4 SMAJ 60
60
5
66.7
81.4
107
3.7
P4 SMAJ 60A
60
5
66.7
74.0
96.8
4.1
P4 SMAJ 64
64
5
71.1
86.7
114
3.5
P4 SMAJ 64A
64
5
71.1
78.9
103
3.9
P4 SMAJ 70
70
5
77.8
94.9
125
3.2
P4 SMAJ 70A
70
5
77.8
86.4
113
3.5
P4 SMAJ 75
75
5
83.3
102
134
3.0
P4 SMAJ 75A
75
5
83.3
92.5
121
3.3
P4 SMAJ 78
78
5
86.7
106
139
2.9
P4 SMAJ 78A
78
5
86.7
96.2
126
3.2
P4 SMAJ 85
85
5
94.4
115
151
2.6
P4 SMAJ 85A
85
5
94.4
105
137
2.9
P4 SMAJ 90
90
5
100
122
160
2.5
P4 SMAJ 90A
90
5
100
111
146
2.7
P4 SMAJ 100
100
5
111
135
179
2.2
P4 SMAJ 100A
100
5
111
123
162
2.5
P4 SMAJ 110
110
5
122
149
196
2.0
P4 SMAJ 110A
110
5
122
135
177
2.3
P4 SMAJ 120
120
5
133
162
214
1.9
P4 SMAJ 120A
120
5
133
148
193
2.1
P4 SMAJ 130
130
5
144
176
231
1.7
P4 SMAJ 130A
130
5
144
160
209
1.9
P4 SMAJ 150
150
5
167
204
268
1.5
P4 SMAJ 150A
150
5
167
185
243
1.6
P4 SMAJ 160
160
5
178
217
287
1.4
P4 SMAJ 160A
160
5
178
198
259
1.5
P4 SMAJ 170
170
5
189
231
304
1.3
P4 SMAJ 170A
170
5
189
210
275
1.4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com