Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM3Z51 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # MM3Z51
Description  Surface mount Zener Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MM3Z51 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MM3Z51 Datasheet HTML 1Page - Diotec Semiconductor MM3Z51 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1)
Tested with pulses t
p = 20 ms – Gemessen mit Impulsen tp = 20 ms
2
Zener-Diodes
MM3Z2V4 … MM3Z100
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage
1)
Zener-Spanng.
1)
I
Z=IZtest
V
zmin [V] Vzmax
Test
current
Meßstrom
I
ztest [mA]
Dynamic resistance
Inhär. diff.
Widerstand
r
zj [Ω]/1kHz
I
Z [mA]
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
α
VZ [10
-4/°C]
Reverse leak.
current at
Sperrstrom bei
I
R [µA] VR [V]
MM3Z2V4
2.28
2.56
5
<100
5
-9...-6
<120
1.0
MM3Z2V7
2.5
2.9
5
<110
5
-9...-6
<120
1.0
MM3Z3V0
2.8
3.2
5
<120
5
-8...-5
<50
1.0
MM3Z3V3
3.1
3.5
5
<130
5
-8...-5
<20
1.0
MM3Z3V6
3.4
3.8
5
<130
5
-8...-5
<10
1.0
MM3Z3V9
3.7
4.1
5
<130
5
-8…-5
<10
1.0
MM3Z4V3
4.0
4.6
5
<130
5
-6…-3
<10
1.0
MM3Z4V7
4.4
5.0
5
<130
5
-5…+2
<10
1.0
MM3Z5V1
4.8
5.4
5
<130
5
-2…+2
<5
1.5
MM3Z5V6
5.2
6.0
5
<80
5
-5…+5
<5
2.5
MM3Z6V2
5.8
6.6
5
<50
5
+3…+6
<2
3.0
MM3Z6V8
6.4
7.2
5
<30
5
+3…+7
<2
3.5
MM3Z7V5
7.0
7.9
5
<30
5
+3…+7
<2
4.0
MM3Z8V2
7.7
8.7
5
<30
5
+3…+8
<2
5.0
MM3Z9V1
8.5
9.6
5
<30
5
+3…+9
<2
6.0
MM3Z10
9.4
10.6
5
<30
5
+3…+10
<2
7.0
MM3Z11
10.4
11.6
5
<30
5
+3…+11
<2
8.0
MM3Z12
11.4
12.7
5
<35
5
+3…+11
<2
9.0
MM3Z13
12.4
14.1
5
<35
5
+3…+11
<2
10
MM3Z15
13.8
15.6
5
<40
5
+3…+11
<2
11
MM3Z16
15.3
17.1
5
<40
5
+3…+11
<2
12
MM3Z18
16.8
19.1
5
<45
5
+3…+11
<2
13
MM3Z20
18.8
21.2
5
<50
5
+3…+11
<2
15
MM3Z22
20.8
23.3
5
<55
5
+4…+12
<2
17
MM3Z24
22.8
25.6
5
<60
5
+4…+12
<2
19
MM3Z27
25.1
28.9
5
<70
2
+4…+12
<2
21
MM3Z30
28
32
5
<80
2
+4…+12
<2
23
MM3Z33
31
35
5
<80
2
+4…+12
<2
25
MM3Z36
34
38
5
<90
2
+4…+12
<2
27
MM3Z39
37
41
2.5
<100
2
+4…+12
<2
30
MM3Z43
40
46
2.5
<130
2
+4…+12
<2
33
MM3Z47
44
50
2.5
<150
2
+4…+12
<2
36
MM3Z51
48
54
2.5
<180
2
+4…+12
<1
39
MM3Z56
52
60
2.5
<180
2
+4…+12
<1
43
MM3Z62
58
66
2.5
<200
2
+4…+12
<0.2
47
MM3Z68
64
72
2.5
<250
2
+4…+12
<0.2
52
MM3Z75
70
79
2.5
<300
2
+4…+12
<0.2
57
MM3Z82
77
87
2.5
<300
2
+5…+12
<0.2
63
MM3Z91
85
96
1
<700
1
+5…+12
<0.2
69
MM3Z100
94
106
1
<700
1
+5…+12
<0.2
76



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com