Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF7206 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF7206
Description  3 V W-CDMA BAND 2 LINEAR PA MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF7206 Datasheet(HTML) 2 Page - RF Micro Devices

  RF7206 Datasheet HTML 1Page - RF Micro Devices RF7206 Datasheet HTML 2Page - RF Micro Devices RF7206 Datasheet HTML 3Page - RF Micro Devices RF7206 Datasheet HTML 4Page - RF Micro Devices RF7206 Datasheet HTML 5Page - RF Micro Devices RF7206 Datasheet HTML 6Page - RF Micro Devices RF7206 Datasheet HTML 7Page - RF Micro Devices RF7206 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF7206
DS100805
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage in Standby Mode
6.0
V
Supply Voltage in Idle Mode
6.0
V
Supply Voltage in Operating Mode,
50
 Load
6.0
V
Supply Voltage, VBAT
6.0
V
Control Voltage, VMODE0,
VMODE1
3.5
V
Control Voltage, VEN
3.5
V
RF - Input Power
+6
dBm
RF - Output Power
+30
dBm
Output Load VSWR (Ruggedness)
10:1
Operating Ambient Temperature
-30 to +110
°C
Storage Temperature
-55 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Recommended Operating
Conditions
Operating Frequency Range
1850
1910
MHz
VBAT
+3.0
+3.4
+4.35
V
VCC
+3.01
+3.4
+4.35
V
VEN
0
0.5
V
PA disabled.
1.4
1.8
3.0
V
PA enabled.
VMODE0, VMODE1
0
0.5
V
Logic “low”.
1.5
1.8
3.0
V
Logic “high”.
POUT
Maximum Linear Output
(HPM)
28.52,3
dBm
High Power Mode (HPM)
Maximum Linear Output
(MPM)
19.02,3
dBm
Medium Power Mode (MPM)
Maximum Linear Output
(LPM)
8.02,3
dBm
Low Power Mode (LPM)
Ambient Temperature
-30
+25
+85
°C
Notes:
1Minimum VCC for max POUT is indicated. VCC down to 0.5V may be used for backed-off power when using DC/DC converter to conserve battery
current.
2For operation at VCC=+3.2V, derate POUT by 0.6dB. For operation at VCC=3.0V, derate POUT by 1.3dB.
3POUT is specified for 3GPP (Voice) modulation. For HSDPA and HSPA+ operation, derate POUT by 1.5dB:
HSDPA Configuration:
c12, d15, hs24, HSPA+ Configuration: 3GPP Release 7 Subtest 1
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
RoHS status based on EUDirective2002/95/EC (at time of this document revision).
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com