Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SK310 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # SK310
Description  Surface Mount Schottky-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK310 Datasheet(HTML) 1 Page - Diotec Semiconductor

  SK310 Datasheet HTML 1Page - Diotec Semiconductor SK310 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1)I
F = 3 A, TA = 25
/C
2) Max. temperature of the terminals T
T = 100
/C – Max. Temperatur der Anschlüsse T
T = 100
/C
172
28.02.2002
SK 32 … SK 310
Schottky-Gleichrichter
Surface Mount Schottky-Rectifiers
für die Oberflächenmontage
Nominal current – Nennstrom
3 A
Repetitive peak reverse voltage
20…100 V
Periodische Spitzensperrspannung
Plastic case
~ SMC
Kunststoffgehäuse
~ DO-214AB
Weight approx. – Gewicht ca.
0.21 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging taped and reeled
see page 18
Standard Lieferform gegurtet auf Rolle siehe Seite 18
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspg.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
Forward voltage
Durchlaßspannung
V
F [V]
1)
SK 32
20
20
< 0.50
SK 33
30
30
< 0.50
SK 34
40
40
< 0.50
SK 35
50
50
< 0.75
SK 36
60
60
< 0.75
SK 38
80
80
< 0.85
SK 310
100
100
< 0.85
Max. average forward rectified current, R-load
T
T = 100
/CI
FAV
3 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
20 A 2)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
100 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Rating for fusing, t < 10 ms
T
A = 25
/Ci2t
50 A2s
Grenzlastintegral, t < 10 ms


Similar Part No. - SK310

ManufacturerPart #DatasheetDescription
logo
Surge Components
SK310 SURGE-SK310 Datasheet
80Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 3.0 Amperes???
logo
Transys Electronics
SK310 TRSYS-SK310 Datasheet
172Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
SK310 MCC-SK310 Datasheet
899Kb / 3P
3 Amp Schottky Rectifier 20 to 100 Volts
logo
DIOTEC Electronics Corp...
SK310 DEC-SK310 Datasheet
104Kb / 2P
3 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Semikron International
SK310 SEMIKRON-SK310 Datasheet
145Kb / 2P
Schottky barrier rectifiers diodes
More results

Similar Description - SK310

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
Surface Mount Schottky Rectifiers
SL1045 JUXING-SL1045 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
SK1040XT JUXING-SK1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
SL10T150 JUXING-SL10T150 Datasheet
3Mb / 2P
Surface Mount Schottky Rectifiers
GSD1045S JUXING-GSD1045S Datasheet
4Mb / 2P
Surface Mount Schottky Rectifiers
MBR1040XT JUXING-MBR1040XT Datasheet
2Mb / 3P
Surface Mount Schottky Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
SURFACE MOUNT SCHOTTKY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com