Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC302 Datasheet(PDF) 1 Page - Picker Components

Part # PC302
Description  low 5mm profile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC302 Datasheet(HTML) 1 Page - Picker Components

  PC302 Datasheet HTML 1Page - Picker Components PC302 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC302 Rev D 4/20/2016
1 of 2
Microminiature 1 Amp Signal Relay
PC302
ORDERING INFOMATION
Example:
PC302
-12
-L1
-X
Model: PC302
Coil Voltage: 3, 5, 6, 9, 12, 24
Type of Operation: Nil: Single Side Stable;
L1: Single Coil Latching;
L2: Dual Coil Latching
RoHS Compliant: -X
Box Quantity: 4,000; Inner Box: 1,000


Similar Part No. - PC302

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PC302 MULTICOMP-PC302 Datasheet
153Kb / 1P
Lighting Connector 2 Pole
24/01/13 V1.0
logo
P-tec Corporation
PC302-O P-TEC-PC302-O Datasheet
221Kb / 2P
PRODUCT SPECIFICATION
logo
Picker Components
PC302S PICKER-PC302S Datasheet
173Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_14 Datasheet
246Kb / 2P
Microminiature Surface Mount Signal Relay
PC302S PICKER-PC302S_17 Datasheet
556Kb / 3P
Microminiature 1 Amp Signal Relay
More results

Similar Description - PC302

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
134RLP5 VISHAY-134RLP5 Datasheet
71Kb / 4P
Aluminum Capacitors Radial Low Profile 5mm
10-Mar-05
logo
Dialight Corporation
521-9173 DIALIGHT-521-9173 Datasheet
17Kb / 1P
5mm DISCRETE LED LOW PROFILE DUFFUSED
logo
Visual Communications C...
CLB300RTP VCC-CLB300RTP Datasheet
82Kb / 1P
5MM ROUND LOW PROFILE FRESNEL LENS
CLR301RTP VCC-CLR301RTP Datasheet
78Kb / 1P
5MM ROUND LOW PROFILE PLAIN LENS
CMC321RTP VCC-CMC321RTP Datasheet
76Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CML325CTP VCC-CML325CTP Datasheet
77Kb / 1P
5MM ROUND FRESNEL LOW PROFILE LENS
CLB-300 VCC-CLB-300 Datasheet
82Kb / 1P
PROFILE FRESNEL LENS 5MM ROUND LOW
CMC-321 VCC-CMC-321 Datasheet
76Kb / 1P
LOW PROFILE LENS 5MM ROUND FRESNEL
logo
P-tec Corporation
PL15-CDG13 P-TEC-PL15-CDG13_14 Datasheet
76Kb / 1P
Popular 5mm Low Profile Lens
PL15-CDR24 P-TEC-PL15-CDR24_14 Datasheet
76Kb / 1P
Popular 5mm Low Profile Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com