Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC375L Datasheet(PDF) 1 Page - Picker Components

Part # PC375L
Description  RoHS Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC375L Datasheet(HTML) 1 Page - Picker Components

  PC375L Datasheet HTML 1Page - Picker Components PC375L Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC375L Rev A 5/18/2016
1 of 2
Low Profile Latching PCB Power Relay
PC375L
FEATURES
 Up to 16 Amp Continuous Contact Capacity
 5 KV Dielectric Strength Between Coil and Contacts
 1 Form A to 2 Form C Contact Forms Available
 Low Profile Design, .62 in. Tall
 Meets UL 873 Spacing
 85°C Operating Temperature
 RoHS Compliant
E86876
CONTACT RATING
Load Type
All Forms, All Contacts
General Purpose
16 A at 250 VAC*
16 A at 30 VDC
Resistive
16 A at 250 VAC
Motor
1 HP at 240 VAC
Inductive
360 W at 125 VAC (1 Amp Only)
TV-5
120 VAC (1 Amp Only)
* UL Rating
CONTACT DATA
Max Switching Power
4,000 VA
Max. Switching Voltage
440 VAC
Max Switching Current
20 A
Material
AgSnO2 (Silver Tin Oxide)
Initial Contact Resistance
50 mΩ max @ 1 A, 6 VDC
Service Life
Mechanical
5 X 106 Operations
Electrical
5 X 104 Operations
CHARACTERISTIC
Operate Time
< 10 ms
Release Time
< 10 ms
Insulation Resistance
1,000 MΩ min, at 500 VDC
Dielectric Strength
5000 V, 50 Hz. between contact and coil
1000 V, 50 Hz between open contacts
Shock Resistance
98 m/s2 11ms
Power Consumption
0.4 W Single Coil, 0.6 W Dual Coil
CHARACTERISTIC CONTINUED
Creepage Distance
8.4 mm
Vibration Resistance
10 - 55 Hz, DA 1.5 mm,
Terminal Strength
10N
Solderability
235 ºC ± 2°C 3 ± 0.5 secs
Ambient Temperature Range
- 40°C to 85°C
Relative Humidity
85% (at 40°C)
Weight
13 g
ORDERING INFORMATION
Example:
PC375L
-1C
-12
S
L1
R
-X
Model: PC375L
Contact Form: 1A or 1C
Coil Voltage: 3, 5, 6, 9, 12, 24, 48
Enclosure: S: Sealed; C: Dust Cover
Version L1: Single Coil, L2: Dual Coil
Polarity: Nil: Standard, R: Reverse Polarity
RoHS Compliant: -X
Box Quantity: 1,000; Inner Box: 500


Similar Part No. - PC375L

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC375L PICKER-PC375L_14 Datasheet
82Kb / 2P
Low Profile Latching PCB Power Relay
PC375L PICKER-PC375L_17 Datasheet
501Kb / 2P
Low Profile Latching PCB Power Relay
More results

Similar Description - PC375L

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com