Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC636 Datasheet(PDF) 1 Page - Picker Components

Part # PC636
Description  subminiature twin relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC636 Datasheet(HTML) 1 Page - Picker Components

  PC636 Datasheet HTML 1Page - Picker Components PC636 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3220 Commander Drive, Suite 102 Carrollton, TX 75006
www.PickerComponents.com
Sales: (972) 713-6272 (888) 997-3933
Fax: (972)735-0964
e-mail: sales@pickercomponents.com
Dimensions are listed for reference purposes only.
Specifications and Availability subject to change without notice.
PC636 Rev B 5/04/2016
1 of 2
Ultraminiature Automotive PCB Twin Power Relay
PC636
ORDERING INFORMATION
Example:
PC636
-2C
-12
S
-X
Model: PC636
Contact Form: 2C or 2U
Coil Voltage: 12
Enclosure: C: Dust Cover, S: Sealed Case
RoHS Compliant: -X
Box Quantity: 2,000; Inner Box: 1,000


Similar Part No. - PC636

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC636 PICKER-PC636_14 Datasheet
111Kb / 2P
Ultraminiat ure Au tomotive PCB Twin Power Relay
More results

Similar Description - PC636

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC621 PICKER-PC621 Datasheet
171Kb / 2P
Subminiature Automotive PCB Twin Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
Subminiature Automotive PCB Twin Power Relay
logo
DB Lectro Inc
HG4508 DBLECTRO-HG4508 Datasheet
53Kb / 2P
Automotive Subminiature PCB Twin Relay
HG4519 DBLECTRO-HG4519 Datasheet
51Kb / 2P
Automotive Subminiature PCB Twin Relay
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
SUBMINIATURE DIP RELAY
logo
ZETTLER Electronics
AZ822 ZETTLER-AZ822_14 Datasheet
50Kb / 2P
SUBMINIATURE DIP RELAY
AZ6951 ZETTLER-AZ6951 Datasheet
381Kb / 2P
SENSITIVE SUBMINIATURE RELAY
logo
Hongfa Technology
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
SUBMINIATURE SIGNAL RELAY
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com