Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2P6M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2P6M
Description  Electric blanket,electronic jar,various temperature
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2P6M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2P6M Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
2P6M
APPLICATIONS
·
Electric blanket,electronic jar,various temper-
ature control.
·
Electric sewing machine,speed control of mi-
niature type motor.
·
Light display equipment , lamp dimmer such
as a display for entertainment.
·
Automatic gas lighter, battery charger.
·
Solid state static switches etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600 (note:RGK=1kΩ)
V
VRRM
Repetitive peak reverse voltage
600 (note:RGK=1kΩ)
V
IT(AV)
On-state current
2(Tc=77℃, θ=180°Single phase(1/2wave)
A
ITSM
Surge non-repetitive on-state current
20
A
PGM
Peak gate power dissipation
0.5 (f ≥50Hz, Duty ≤10%)
W
PG(AV)
Average gate power dissipation
0.1
W
IFGM
Peak gate forward current
0.2 (f ≥50Hz, Duty ≤10%)
A
VRGM
Peak gate reverse voltage
6
V
Tj
Junction temperature
-40 to + 125
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,Tj=125℃,RGK=1kΩ
100
μ
A
IDRM
Repetitive peak off-state current
VDM=VDRM,Tj=125℃,RGK=1kΩ
100
μ
A
VTM
On-state voltage
ITM=4A
1.8
V
IGT
Gate-trigger current
VDM=6V;RL=100Ω,RGK=1kΩ
100
μ
A
VGT
Gate-trigger voltage
VDM=6V;RL=100Ω,RGK=1kΩ
0.8
V
VGD
Gate non-trigger voltage
VDRM=1/2VDRM,Tj=125℃,RGK=1kΩ
0.2
V
IH
Holding current
VD=24V; RGK=1kΩ,ITM=4A
5
mA
Rth(j-c)
Thermal resistance
Junction to case
10
℃
/W


Similar Part No. - 2P6M

ManufacturerPart #DatasheetDescription
logo
NEC
2P6M NEC-2P6M Datasheet
396Kb / 1P
2A PLASTIC MOLDED THYRISTOR
2P6M NEC-2P6M Datasheet
311Kb / 1P
Opto-Electronic Devices(NEPOC)
logo
Tiger Electronic Co.,Lt...
2P6M TGS-2P6M Datasheet
57Kb / 1P
Triacs sensitive gate
logo
HAOPIN MICROELECTRONICS...
2P6M HAOPIN-2P6M Datasheet
669Kb / 5P
Blocking voltage to 600 V
More results

Similar Description - 2P6M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL-150 ETC-CL-150 Datasheet
349Kb / 8P
ULTRA SMALL CHIP LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
CL-165HRYG-D ETC1-CL-165HRYG-D Datasheet
355Kb / 8P
ULTRA - SMALL CHIP - LEDS FOR USE IN VARIOUS ELECTRONIC PRODUCTS
logo
Toshiba Semiconductor
TPS820 TOSHIBA-TPS820 Datasheet
139Kb / 5P
Photo-Electric Switches Copiers, Printers, and Facsimiles Luminosity Adjustment for Various Types of Equipment
logo
New Jersey Semi-Conduct...
2N4381 NJSEMI-2N4381 Datasheet
92Kb / 1P
VARIOUS
logo
List of Unclassifed Man...
60115-1 ETC2-60115-1 Datasheet
38Kb / 1P
BLANKET PIN-125 DIA
logo
ALPS ELECTRIC CO.,LTD.
RK11K ALPS-RK11K_15 Datasheet
782Kb / 6P
A 11mm wide potentiometer for audio, visual, electronic musical instruments and various applications
RK14K ALPS-RK14K_15 Datasheet
797Kb / 6P
A 14mm wide potentiometer for audio, visual, electronic musical instruments and various applications
logo
Littelfuse
220 LITTELFUSE-220 Datasheet
698Kb / 4P
The 2AG Special Fuses with various voltage ratings provide special electric performance as required
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
logo
List of Unclassifed Man...
RY240 ETC1-RY240 Datasheet
1Mb / 4P
electric
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com