Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1082 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1082
Description  High Voltage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1082 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1082 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1082 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon PNP Transistor
2SA1082
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
.
MAX
UNIT
V(BR)CES
Collector-Emitter Breakdown Voltage
IC= -10μ A; IE= 0
-120
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -1mA; IB= 0
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -10μ A; IC= 0
-5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC=-10mA ; IB= -1mA
-0.2
V
VBE(on)
Base-Emitter On Voltage
IC= -2mA ; VCE= -12V
-0.6
V
ICBO
Collector Cutoff Current
VCB= -50V; IE= 0
-0.1
μ A
IEBO
Emitter Cutoff Current
VEB= -2V; IC= 0
-0.1
μ A
hFE
DC Current Gain
IC=-2mA ; VCE= -12V
250
800
fT
Current-Gain
—Bandwidth Product
IC= -2mA; VCE= -12V; f= 1MHz
90
MHz
Cob
Output Capacitance
VCB = −10 V, IE = 0, f =1.0MHz
3.5
pF
 h
FE Classifications
D
E
250-500
400-800



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com