Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB955 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SB955
Description  High DC Current Gain- : hFE = 1000(Min)@ IC= -5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB955 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SB955 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB955 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:
www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon PNP Darlington Power Transistor
2SB955
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -25mA, RBE= ∞
-120
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= -200mA, IE= 0
-7
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -5A, IB= -10mA
-1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -10A, IB= -0.1A
-3.0
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -5A, IB= -10mA
-2.0
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -10A, IB= -0.1A
-3.5
V
ICBO
Collector Cutoff Current
VCB= -120V, IE= 0
-100
μ A
ICEO
Collector Cutoff Current
VCE= -100V, RBE= ∞
-10
μ A
hFE
DC Current Gain
IC= -5A; VCE= -3V
1000
20000
Switching times
ton
Turn-on Time
VCC= -30V;
IC= -5A; IB1= -IB2= -10mA
0.8
μ s
toff
Turn-Off Time
4.0
μ s



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com