Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3P4M Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 3P4M
Description  Motor speed control for household appliance.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

3P4M Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  3P4M Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc Thyristors
3P4M
APPLICATIONS
·
Motor speed control for household
appliance.
·
Temperature control for heater and
constant temperature box.
·
Constant voltage power source and
battery charger.
·
Automotive application such as regulator.
·
Various solid state relay etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
On-state current
3
A
IT(RMS)
RMS on-state current
4
A
ITSM
Surge non-repetitive on-state current
25
A
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-40 to + 125
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRRM=600V, RGK=1kΩ
20
μ
A
IDRM
Repetitive peak off-state current
VDRM=600V, RGK=1kΩ
20
μ
A
VTM
On-state voltage
ITM=5A
1.7
V
IGT
Gate-trigger current
VDM=6V;RL=100Ω
10
100
μ
A
VGT
Gate-trigger voltage
VDM=6V;RL=100Ω
0.5
0.8
V
IH
Holding current
IT=0.1A; IGT= 0.2mA
5
mA
Rth(j-c)
Thermal resistance
Junction to case
2.5
℃
/W
Rth(j-a)
Thermal resistance
Junction to ambient
95
℃
/W


Similar Part No. - 3P4M

ManufacturerPart #DatasheetDescription
logo
NEC
3P4MH NEC-3P4MH Datasheet
178Kb / 6P
THYRISTORS
logo
Tiger Electronic Co.,Lt...
3P4MH TGS-3P4MH Datasheet
160Kb / 1P
Triacs sensitive gate
logo
Kersemi Electronic Co.,...
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
logo
Renesas Technology Corp
3P4MH RENESAS-3P4MH Datasheet
373Kb / 8P
THYRISTORS 3 A MOLD SCR
2002
More results

Similar Description - 3P4M

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51970L MITSUBISHI-M51970L Datasheet
71Kb / 4P
MOTOR SPEED CONTROL
M51971L MITSUBISHI-M51971L Datasheet
387Kb / 13P
MOTOR SPEED CONTROL
logo
Sanyo Semicon Device
LB11820M SANYO-LB11820M Datasheet
484Kb / 17P
Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
logo
List of Unclassifed Man...
UTC6651 ETC1-UTC6651 Datasheet
64Kb / 2P
MOTOR SPEED CONTROL CIRCUIT
logo
International Rectifier
IRMCF341 IRF-IRMCF341 Datasheet
273Kb / 8P
High Performance Appliance Motor Control IC
logo
Unisonic Technologies
AN6650 UTC-AN6650_05 Datasheet
85Kb / 4P
MOTOR SPEED CONTROL CIRCUIT
logo
DB Lectro Inc
NG8N DBLECTRO-NG8N_05 Datasheet
293Kb / 2P
Suitable for household electrical appliance, automation system
logo
Kersemi Electronic Co.,...
5P4SMA KERSEMI-5P4SMA Datasheet
1Mb / 5P
Motor speed control for household appliance
logo
Inchange Semiconductor ...
5P4M ISC-5P4M Datasheet
144Kb / 1P
Motor speed control for household appliance
8P4M ISC-8P4M Datasheet
144Kb / 1P
Motor speed control for household appliance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com