Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4020BCJ Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4020BCJ
Description  14-Stage, 12-Stage Ripple Carry Binary Counters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4020BCJ Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CD4020BCJ Datasheet HTML 1Page - National Semiconductor (TI) CD4020BCJ Datasheet HTML 2Page - National Semiconductor (TI) CD4020BCJ Datasheet HTML 3Page - National Semiconductor (TI) CD4020BCJ Datasheet HTML 4Page - National Semiconductor (TI) CD4020BCJ Datasheet HTML 5Page - National Semiconductor (TI) CD4020BCJ Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics CD4060BMCD4060BC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL4 tPLH4
Propagation Delay Time to Q4
VDD e 5V
550
1300
ns
VDD e 10V
250
525
ns
VDD e 15V
200
400
ns
tPHL tPLH
Interstage Propagation Delay Time
VDD e 5V
150
330
ns
from Qn to Qna1
VDD e 10V
60
125
ns
VDD e 15V
45
90
ns
tTHL tTLH
Transition Time
VDD e 5V
100
200
ns
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWL tWH
Minimum Clock Pulse Width
VDD e 5V
170
500
ns
VDD e 10V
65
170
ns
VDD e 15V
50
125
ns
trCL tfCL
Maximum Clock Rise and Fall Time
VDD e 5V
No Limit
ns
VDD e 10V
No Limit
ns
VDD e 15V
No Limit
ns
fCL
Maximum Clock Frequency
VDD e 5V
1
3
MHz
VDD e 10V
3
8
MHz
VDD e 15V
4
10
MHz
tPHL(R)
Reset Propagation Delay
VDD e 5V
200
450
ns
VDD e 10V
100
210
ns
VDD e 15V
80
170
ns
tWH(R)
Minimum Reset Pulse Width
VDD e 5V
200
450
ns
VDD e 10V
100
210
ns
VDD e 15V
80
170
ns
Cin
Average Input Capacitance
Any Input
5
75
pF
Cpd
Power Dissipation Capacitance
50
pF
AC Parameters are guaranteed by DC correlated testing
CD4060B Typical Oscillator Connections
RC Oscillator
TLF5953 – 4
Crystal Oscillator
TLF5953 – 5
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com