Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBLS102G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DBLS102G
Description  1A, 50V - 1000V Glass Passivated Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DBLS102G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DBLS102G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DBLS102G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DBLS102G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DBLS102G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Ideal for automated placement
- Reliable low cost construction utilizing molded plastic technique
- High surge current capability
- UL Recognized File # E-326854
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2tA2s
CJ
pF
TJ
°C
TSTG
°C
Document Number: DS_D1410052
Version: O15
Note 2: Measure at 1.0MHz and Applied Reverse Voltage of 4.0 Volts D.C.
DBLS
PARAMETER
SYMBOL
DBLS
101G
DBLS
102G
DBLS
103G
DBLS
104G
°C/W
Operating junction temperature range
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs,1% Duty Cycle
Typical junction capacitance per leg (Note 2)
25
Typical thermal resistance
RθJL
RθJA
15
40
IR
2
100
μA
Maximum reverse current @ rated VR
TJ=25°C
- 55 to +150
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
A
40
Maximum instantaneous forward voltage (Note 1)
IF= 1 A
VF
1.1
V
DBLS
106G
DBLS
107G
UNIT
Maximum DC blocking voltage
Maximum average forward rectified current
1
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
Molded plastic body
30
Polarity:
Polarity as marked on the body
Weight:
0.36 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Maximum repetitive peak reverse voltage
Maximum RMS voltage
DBLS
105G
TJ=125°C
Rating for fusing (t<8.3ms)
6.6
3.7
DBLS101G - DBLS107G
Taiwan Semiconductor
1A, 50V - 1000V Glass Passivated Bridge Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020


Similar Part No. - DBLS102G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBLS102G TSC-DBLS102G Datasheet
128Kb / 2P
Single Phase 1.0AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DBLS102G LUGUANG-DBLS102G Datasheet
204Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBLS102G TSC-DBLS102G Datasheet
199Kb / 4P
Glass Passivated Bridge Rectifiers
logo
Zibo Seno Electronic En...
DBLS102G ZSELEC-DBLS102G Datasheet
73Kb / 2P
1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - DBLS102G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
DBL104G-T TSC-DBL104G-T Datasheet
278Kb / 4P
1A, 400V - 1000V Glass Passivated Bridge Rectifiers
TS10B01G TSC-TS10B01G_16 Datasheet
194Kb / 4P
10A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS15P01G TSC-TS15P01G_16 Datasheet
207Kb / 4P
15A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS25P04G-K TSC-TS25P04G-K_16 Datasheet
207Kb / 4P
25A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
1A, 50V - 1000V Glass Passivated Rectifiers
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
HDBLS101G TMT-HDBLS101G_16 Datasheet
406Kb / 4P
1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
TS6P01G TMT-TS6P01G_16 Datasheet
206Kb / 4P
6A, 50V - 1000V Glass Passivated Bridge Rectifiers
TS8P01G TMT-TS8P01G_16 Datasheet
341Kb / 4P
8A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com