Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH400LE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3CH400LE
Description  4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH400LE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3CH400LE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH400LE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
2015-07-0016
PT0471-3
08/05/15
2
PI3CH400
4-Bit Bus Switch, Enable Low
1.8V/2.5V/3.3V, High-Bandwidth, Hot Plu
g
Maximum Ratings
StorageTemperature...................................................................................-65oC to +150oC
Ambient Temperature with Power Applied........................................–40°C to +85°C
Supply Voltage to Ground Potential............................................................-0.5V to + 4.6V
DC Input Voltage ............................................................................................-0.5V to + 6.0V
DC Output Current
..........................................................................................120mA
Power Dissipation..............................................................................................................0.5W
DC Electrical Characteristics
3.3V supply (Over operating range, TA = -40 ~ +85ºC, VCC=3.3V±10%, unless otherwise noted)
Symbol
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
-
-
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW Level
-0.5
-
0.8
V
VIK
Clamp Diode Voltage
VCC = Min., IIN = -18mA
-
-1.3
-1.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±1
μA
IIL
Input Low Current
VCC = Max., VIN = GND
-
-
±1
μA
IOZH
High-Impedance Current
0 ≤ A, B ≤ V
CC
-
-
±1
μA
RON
Switch On-Resistance
(3)
VCC = Min., VIN = 0.0V
ION = -48mA or -64mA
-
4
6
Ω
VCC = Min., VIN = 3.6V
ION = -15mA
-
5
8
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (Ax, Bx) pins.
2.5V supply (Over operating range, TA = -40 ~ +85ºC, VCC=2.5V±10%, unless otherwise noted)
Symbol
Description
Test Conditions
(1)
Min
Typ
(2)
Max
Unit
VIH
Control Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
-
VCC+0.3
V
VIL
Control Input LOW Voltage
Guaranteed Logic LOW Level
-0.3
-
0.8
V
VIK
Clamp Diode Voltage
VCC = Max., IIN = -6mA
-
-0.7
-1.8
V
IIH
Input HIGH Current
VCC = Max., VIN = VCC
-
-
±1
μA
IIL
Input Low Current
VCC = Max., VIN = GND
-
-
±1
μA
IOZH
High-Impedance Current
0 ≤ A, B ≤ V
CC
-
-
±1
μA
RON
Switch On-Resistance
(3)
VCC = Min., VIN = 0.0V
ION = -48mA
-
4
8
Ω
VCC = Min., VIN = 2.25V
ION = -15mA
-
7
14
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 2.5V, TA = 25°C ambient and maximum loading.
3. Measured by the voltage drop between A and B pin at indicated current through the switch. On-Resistance is determined
by the lower of the voltages on the two (Ax, Bx) pins.
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the
device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational sec-
tions of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods may affect reliability.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com