Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3CH480QEX Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3CH480QEX
Description  4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3CH480QEX Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3CH480QEX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3CH480QEX Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V,
High-Bandwidth, Hot Plug
2015-07-0019
PT0476-3
08/05/15
1
PI3CH480
Features
Near-Zero propagation delay
5-ohm switches connect inputs to outputs
High signal passing bandwidth (500 MHz)
Beyond Rail-to-Rail switching
-
0 to 5V switching with 3.3V power supply
-
0 to 3.3V switching with 2.5V power supply
5V I/O tolerant with supply in OFF and ON state
1.8V, 2.5V and 3.3V supply voltage operation
Hot Insertion Capable
Industrial Operating Temperature: –40º
C to +85º
C
8kV ESD Protection (human body model)
Latch-up Performance: >200mA per JESD17
Packaging (Pb-free & Green available):
-16-pin 173-mil wide plastic TSSOP (L)
-16-pin 150-mil wide plastic QSOP (Q)
Block Diagram
Description
The PI3CH480 is a 4-channel, 2:1 Multiplexer/
Demultiplexer
with
3-state
outputs.
The
switch
introduces no additional ground bounce noise or
propagation delay.
The PI3CH480 device is very useful in switching
signals that have high bandwidth (500 MHz).
Pin Configuration
Pin Description
Pin No
Pin Name
Description
1
S
Select Inputs
2, 3, 5, 6,
10, 11, 13,
14
IA0, IA1, IB0, IB1, IC0,
IC1, ID0, ID1
Data Inputs
4, 7, 9, 12
YA, YB, YC, YD
Data Outputs
8
GND
Ground
15
1111111
EN
Enable
16
VCC
Power
Truth Table(1)
Note:
1. H=High Voltage Level; L=Low Voltage Level
EN
S
YA
YB
YC
YD
Function
H
X
Hi-Z
Hi-Z
Hi-Z Hi-Z
Disable
L
L
IA0
IB0
IC0
ID0
S=0
L
H
IA1
IB1
IC1
ID1
S=1


Similar Part No. - PI3CH480QEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3CH480QEX DIODES-PI3CH480QEX Datasheet
824Kb / 11P
4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
More results

Similar Description - PI3CH480QEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3CH200LEX PERICOM-PI3CH200LEX Datasheet
259Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH200 PERICOM-PI3CH200_15 Datasheet
284Kb / 7P
2-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH281 PERICOM-PI3CH281_15 Datasheet
396Kb / 7P
2-Channel 4:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH400 PERICOM-PI3CH400_15 Datasheet
421Kb / 7P
4-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH401 PERICOM-PI3CH401_15 Datasheet
397Kb / 6P
4-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH800 PERICOM-PI3CH800_15 Datasheet
669Kb / 8P
8-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1000 PERICOM-PI3CH1000_15 Datasheet
279Kb / 6P
10-Bit Bus Switch, 2-Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH1010 PERICOM-PI3CH1010 Datasheet
284Kb / 6P
10-Bit Bus Switch, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
PI3CH3305 PERICOM-PI3CH3305 Datasheet
350Kb / 8P
2-Bit Bus Switch, Enable High 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
logo
Diodes Incorporated
PI3CH480 DIODES-PI3CH480_V01 Datasheet
824Kb / 11P
4-Channel 2:1 Mux/DeMux, Enable Low 1.8V/2.5V/3.3V, High-Bandwidth, Hot Plug
November 2018
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com