Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DBS3224 Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3DBS3224
Description  3.3V High Speed 2 : 4 Differential Mux/Demux
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBS3224 Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3DBS3224 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3DBS3224 Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.pericom.com
04/28/14
PI3DBS3224
3.3V High Speed 2:4 Differential Mux/Demux
Test Circuit For Electrical Characteristics
3.0 V
1.5 V
0 V
VOH
(VOH + VOL)/2
VOL
Output
Input
tPLH
tPHL
tsk(p)= tPHL - tPLH
VOLTAGE WAVEFORMS
PULSE SKEW [tSK(p)]
VI
Dara In at
Ax or Ay
Vo
Data Out at
XB1 or XB2
Data Out at
YB1 or YB2
Vo
tPLHx
tsk(o)
tPLHy
3.0 V
1.5 V
0 V
VOH
(VOH + VOL)/2
VOL
tPLHx
tsk(o)
tPLHy
VOH
(VOH + VOL)/2
VOL
tsk(o) = tPLHy - tPLHx or tPHLy -tPHLx
VOLTAGE WAVEFORMS
OUTPUT SKEW (
tSK(O))
Input Generator
VCC
Input Generator
2 x VCC
Open
GND
S1
RL
CL
(see note 1)
DUT
VIN
VI
VO
50
VG1
VG2
RL
50
50
TEST
VCC
S1
RL
Vin
CL
tsk(o)
3.3 V ± 0.3 V
Open
50Ω
VCC or GND
2 pF
tsk(p)
3.3 V ± 0.3 V
Open
50Ω
VCC or GND
2pF
Notes:
1.
CL includes probe and jig capacitance.
2.
All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHZ, ZO = 50 Ω, tr ≤ 2.5 ns. tf ≤ 2.5 ns.
3.
The outputs are measured one at a time, with one transition per measurement.
14-0061



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com