Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3TB212 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3TB212
Description  10.3Gbps Thunderbolt and DisplayPort Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3TB212 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3TB212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3TB212 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
03/12/13
All trademarks are property of their respective owners.
PI3TB212
10.3Gbps Thunderbolt™ and DisplayPort™ Switch
Pin Description
Pin #
Pin Name
Type
Description
17
TBC-2
I
Connector Side Hot Plug Detect Input. Connect to mini-DP connector pin2
11
10
ML1(p)
ML1(n)
I/O
Controller Side Channel 1, DisplayPort Positive Signal (external AC coupling is required)
Controller Side Channel 1, DisplayPort Negative Signal (external AC coupling is required)
22
23
TBC-16
TBC-18
I/O
Sink Side TB Rx1(p) or AUX+ Signal or DDC_SCL. Connect to mini-DP connector pin 16.
Sink Side TB Rx1(n) or AUX- Signal or DDC_SDA. Connect to mini-DP connector pin 18.
19
20
TBC-9
TBC-11
I/O
Sink Side DP Main Link + Signal or LSTX. Connect to mini-DP connector pin 9.
Sink Side DP Main Link - Signal or LSRX. Connect to mini-DP connector pin 11
2
1
AUX+
AUX-
I/O
Controller Side AUX Positive Signal
Controller Side AUX Negative Signal
8
7
TB Rx_1(p)
TB Rx_1(n)
I/O
Controller Side 10Gbps Positive Signal (external AC coupling is required)
Controller Side 10Gbps Negative Signal (external AC coupling is required)
5
4
DDC_SCL
DDC_SDA
I/O
Controller Side DDC Clock
Controller Side DDC Data
18
TBC-4
I
Connector Side Cable Detect for DP++ Dongle. Connect to mini-DP connector pin 4.
12
HPD_Out
O
Controller Side Buffered Hot Plug Detect Output
14
13
LSTx
LSRx
I/O
O
Controller Side un-buffered UART TX Signal. Integrated 9KW pull-up
Controller Side buffered UART RX Signal. 1MW pull-down present at buffer input
24
S0
I
Control signal. See truth table for detailed functionality
16
CA_DET_Out O
Cable detect buffered output coming from TBC-4 (pin 18)
6
DP_EN#
I
DisplayPort path enable. See truth table for detailed functionality.
15
10G_EN
I
10G path enable. See truth table for detailed functionality.
3
VDD
Power
3.3V+/-10% power supply voltage
Center
Pad, 9, 21 GND
Ground Ground. both pins and center pad must all be connected to GND plane.
13-0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com