Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3USB102EZLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3USB102EZLE
Description  USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB102EZLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3USB102EZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB102EZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
08/05/14
PI3USB102E
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
DC Electrical Characteristics for USB 2.0 Switching over Operating Range
(TA = –40°C to +85°C, VDD = 3.0 - 5.5V)
Parameter
Description
Test Conditions(1)
Min.
Typ.(2) Max.
Units
VIH
Input HIGH Voltage
Guaranteed HIGH level
1.4
V
VIL
Input LOW Voltage
Guaranteed LOW level
0.8
VIK
Clamp Diode Voltage
VDD = Max., IIK = –18mA
-0.7
-1.2
IIH
Input HIGH Current for SEL and OE
VDD = Max., VIH = VDD
-100
100
nA
IIL
Input LOW Current for SEL and OE
VDD = Max., VIL = GND
-100
100
IIH
Input HIGH Current for Y+/Y-
VDD = 3.3V., VY = 5.25V
50
uA
IIL
Input LOW Current for Y+/Y-
VDD = 3.3V., VY = 0V
1
ILeakage
Leakage from Y+/Y- to Vdd when
VY+/Y- > Vdd
VDD = 3.3V., VY+/Y- = 5.25V,
OE = LOW
200
nA
RON
Switch On-Resistance(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
4.0
5.0
Ω
RFLAT(ON)
On-Resistance Flatness(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
1.5
D
RON
On-Resistance match from center
ports to any other port(3)
VDD = 3V, 0V ≤ Vinput ≤ 1.0V,
ION = –40mA
0.9
2.0
VOVP
Input Over-Voltage Protection Thresh-
old(4)
VDD = 3.0 V
3.1
3.2
3.4
V
VDD = 3.3 V
3.4
3.5
3.7
VDD = 3.6 V
3.7
3.8
4.0
IOZ_M
Output leakage current on port M
when D path is on
VY+/Y- = 5.25V, VDD = 3.3V
SEL = High, VM+/M- = 0V
-200
200
nA
IOZ_D
Output leakage current on port D
when M path is on
VY+/Y- = 5.25V, VDD = 3.3V
SEL = Low, VD+/D- = 0V
-200
200
nA
IOFF
Y+/Y- Power-Off Leakage
Current
Vinput = 0V to 3.3V, VDD = 0V
5
uA
Storage Temperature ......................................................–65°C to +150°C
Supply Voltage to Ground Potential ....................................–0.5V to +6V
DC Input Voltage .................................................................–0.5V to +6V
DC Output Current ........................................................................120mA
Power Dissipation .............................................................................0.5W
Note: Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
14-0135



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com