Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP12412 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412
Description  4-Lane DisplayPort Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3VDP12412 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
(Continued)
42ZHE
pin#
48NEE
pin#
pin Name Signal Type
Description
2
A1
GPU_SEL
I
switch logic control. different function for different package options:
42pin TQFN package:
If HIGH, then path B is selected for high speed channels only
If LOW, then path A is selected for high speed channels only
48ball BGA package:
If HIGH, then path B is selected for all channels
If LOW, then path A is selected for all channels
3
B1
D0-
I/O
negative differential signal 0 for COM port
4
B2
D0+
I/O
positive differential signal 0 for COM port
6
D1
D1-
I/O
negative differential signal 1 for COM port
7
D2
D1+
I/O
positive differential signal 1 for COM port
8
E1
D2-
I/O
negative differential signal 2 for COM port
9
E2
D2+
I/O
positive differential signal 2 for COM port
10
F1
D3-
I/O
negative differential signal 3 for COM port
11
F2
D3+
I/O
positive differential signal 3 for COM port
1
B3
GND
Ground
Ground
13
H1
AUX-
I/O
negative differential signal for AUX COM port
14
H2
AUX+
I/O
positive differential signal for AUX COM port
18
J1
HPD
I/O
HPD for COM port
16
J2
HPD_A
I/O
HPD for port A
15
H3
HPD_B
I/O
HPD for port B
17
C8
GND
Ground
Ground
12
J4
VDD
Pwr
3.3V +/-10% power supply
G2
GND
Ground
Ground
20
H6
AUX+B
I/O
positive differential signal for AUX, port B
19
J6
AUX-B
I/O
negative differential signal for AUX, port B
23
H9
AUX+A
I/O
positive differential signal for AUX, port A
24
J9
AUX-A
I/O
negative differential signal for AUX, port A
22
G8
GND
Ground
Ground
26
F8
D3+B
I/O
positive differential signal 3 for portB
27
F9
D3-B
I/O
negative differential signal 3 for portB
28
E8
D2+B
I/O
positive differential signal 2 for portB
29
E9
D2-B
I/O
negative differential signal 2 for portB
30
D8
D1+B
I/O
positive differential signal 1 for portB
31
D9
D1-B
I/O
negative differential signal 1 for portB
32
B8
D0+B
I/O
positive differential signal 0 for portB
12-0293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com