Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3VDP12412NEE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3VDP12412NEE
Description  4-Lane DisplayPort Rev 1.2 Compliant Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3VDP12412NEE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3VDP12412NEE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3VDP12412NEE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
PI3VDP12412
4-Lane DisplayPort™ Rev 1.2 Compliant Switch
12/17/12
Pin Assignment (TQFN-42, ZHE)
GND
D0-
D0+
AUX_HPD_SEL
GPU_SEL
D1+
D1-
D2-
D2+
D3-
D3+
Vdd
AUX-
AUX+
D2-A
D2+A
D3-A
D3+A
D0-B
D0+B
Vdd
GND
D1-B
D1+B
D2-B
D2+B
D3-B
D3+B
OE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
HPD_B
HPD_A
AUX-A
AUX+A
GND
(43)
GND
Pin Assignment (48-Ball BGA, NEE)
1
2
3
4
5
6
7
8
9
D0-
Vdd
D0+
GND
D1+
D2+
D3+
GND
AUX+
DDC_
AUX_
SEL
D1-
D2-
D3-
HPD
HPD_A
Vdd
GND
HPD_B
SCL_B
SDA_B
SCL_A
SDA_A
AUX+A
AUX-A
AUX+B
GND
AUX-B
AUX-
GPU
_SEL
D3-A
D1-B
D2-B
D2+B
D3-B
GND
GND
D1+B
D3+B
D3+A
D0-B
D0+B
D0-A
D0+A
D1-A
D1+A
D2-A
D2+A
OE
A
B
C
D
E
F
G
H
J
GPU_SEL
OE
GPU_
SEL
AUX_
HPD_
SEL
Function
High
Low
Low
Port A active for all channels
High
Low
High
Port A for HS, port B for HPD/AUX
High
High
Low
Port B for HS, port A for HPD/AUX
High
High
High
Port B active for all channels
Low
x
x
All I/O's are hi-z and IC is power down
Truth Table for 42 pin package
OE
GPU_
SEL
DDC_
AUX_
SEL
Function
High
Low
Low
Port A active for AUX, HPD & HS
channel
High
Low
High
Port A active for DDC, HPD, & HS
channel
High
High
Low
Port B active for AUX, HPD & HS
channel
High
High
High
Port B active for DDC, HPD & HS
channel
Low
x
x
all I/Os are hi-z and IC is power down
12-0293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com