Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRWF2U Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SRWF2U
Description  SmartRack 2U Low-Profile Vertical-Mount Switch-Depth Wall-Mount Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SRWF2U Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SRWF2U Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SRWF2U Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SRWF2U Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Keeps Important Equipment Secure
Reversible front door locks securely to help prevent damage, tampering or theft
Front door latch also accommodates a user-supplied padlock for added security
Vented cabinet keeps equipment cool
Convenient ports with removable covers allow cable routing through top and bottom
Easy Enclosure and Equipment Installation
Ships fully assembled for quick installation
Wall-mounting holes spaced 16 in. apart for standard wall stud placement
Rails adjust easily—unscrew them, slide them to desired depth, and screw them back in
Threaded mounting holes support M6 or 12-24 mounting
Rack spaces marked for easy reference
Meets Payment Card Industry Standards
Provides physical equipment and media security required for PCI DSS (Payment Card Industry Data Security Standard) compliance
Specifications
PHYSICAL
Rack Height (U Spaces)
2
Maximum Device Depth (in.)
20
Maximum Device Depth (cm)
50.80
Minimum Device Depth (in.)
17
Minimum Device Depth (cm)
43.18
Shipping Dimensions (hwd / in.)
34.25" x 31.1" x 9.44"
Shipping Dimensions (hwd / cm)
86.99 x 78.99 x 23.98
Shipping Weight (lbs.)
54.7
Shipping Weight (kg)
24.81
Unit Dimensions (hwd / in.)
28.8 x 25.6 x 4.5
Unit Dimensions (hwd / cm)
73.15 x 65.02 x 11.43
Unit Weight (lbs.)
51.4
Unit Weight (kg)
23.31
Color
Black
Weight Capacity - Stationary (lbs.)
150
Weight Capacity - Stationary (kg)
68.0
CERTIFICATIONS
Certifications
EIA-310-E
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com