Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3WVR12612ZLE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3WVR12612ZLE
Description  HDMI 2.0, DisplayPort 1.2 Video Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3WVR12612ZLE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3WVR12612ZLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3WVR12612ZLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
PI3WVR12612
HDMI 2.0, DisplayPort 1.2 Video Switch
www.pericom.com
12/03/15
All trademarks are property of their respective owners.
Pin Assignment (50-Ball TFBGA, NEE)
1
2
3
4
5
6
7
8
9
D0-
VDD
D0+
GND
D1+
D2+
D3+
GND
AUX+
DDC_
AUX_
SEL
D1-
D2-
D3-
HPD
HPD_A
Vdd
GND
HPD_B
SCL_B
SDA_B
SCL_A
SDA_A
AUX+A
AUX-A
AUX+B
GND
AUX-B
AUX-
GPU
_SEL
D3-A
D1-B
D2-B
D2+B
D3-B
GND
GND
D1+B
D3+B
D3+A
D0-B
D0+B
D0-A
D0+A
D1-A
D1+A
D2-A
D2+A
OE
A
B
C
D
E
F
G
H
J
GPU_SEL
SCL
SDA
Control
Switch Function
OE
GPU_
SEL
DDC_
AUX_
SEL
D0-
D3 AUX HPD DDC
High
Low
Low
A
AUX A HPD A Hi-Z
High
High
Low
B
AUX B HPD B Hi-Z
High
Low
High
A
DDC A HPD A Hi-Z
High
High
High
B
DDC B HPD B Hi-Z
High
Low
Medium
A
AUX A HPD A DDC A
High
High
Medium
B
AUX B HPD B DDC B
Low
x
x
Hi-Z Hi-Z
Hi-Z
Hi-Z
Truth Table
Î
Î
Medium level = 1/2 VDD = 1.65V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
52 51 50 49 48
22 23 24 25 26
OE
D2-A
D2+A
D3-A
D3+A
VDD
D0-B
D0+B
D1-B
D1+B
GND
D2-B
D2+B
D3-B
D3+B
SDA_A
SCL_A
GND
AUX-A
AUX+A
GND
VDD
GND
GPU_SEL
D0-
D0+
DDC_AUX_SEL
D1-
D1+
D2-
D2+
D3-
D3+
GND
VDD
AUX-
AUX+
HPD_B
HPD_A
HPD
SCL
SDA
Pin Assignment (52-Pin TQFN, ZL52)
15-0175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com