Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3126 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI5C3126
Description  4-Bit Bus Switch with Individual Enables
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3126 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI5C3126 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5C3126 Datasheet HTML 5Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PI5C3125/3126
4-Bit Bus Switch w/Individual Enables
2
PS7013J
07/21/10
PI5C3125 16-Pin Configuration
PI5C3126 16-Pin Configuration
Pin Description
Pin Name
Description
BEn
Switch Enable (PI5C3125)
BEn
Switch Enable (PI5C3126)
A3-A0
Bus A
B3-B0
Bus B
VCC
Power
GND
Ground
Truth Table(1)
PI5C3125
BEn
PI5C3126
BEn
An
Bn
VCC
Function
X(2)
X
Hi-Z Hi-Z GND Disconnect
H
L
Hi-Z Hi-Z
VCC Disconnect
L
H
Bn
An
VCC Connect
Notes:
1.
H = High Voltage Level, L = Low Voltage Level,
HI-Z = High Impedance, X = Don’t Care
2.
A pull-up resistor should be provided for power-up protection.
Storage Temperature .................................................................. –65°C to +150°C
Ambient Temperature with Power Applied ................................. –40°C to +85°C
Supply Voltage to Ground Potential (Inputs & VCC Only)........... –0.5V to +7.0V
Supply Voltage to Ground Potential (Outputs & D/O Only) ........ –0.5V to +7.0V
DC Input Voltage .......................................................................... –0.5V to +7.0V
DC Output Current......................................................................................120mA
Power Dissipation ..........................................................................................0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGSmaycausepermanentdamagetothedevice.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect
reliability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
16-Pin
Q
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Vcc
BE3
A3
B3
BE2
A2
B2
NC
NC
BE0
A0
B0
BE1
A1
B1
GND
16-Pin
Q
11-0002



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com