Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US2M Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # US2M
Description  Ultrafast Switching Surface Mount Si-Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

US2M Datasheet(HTML) 2 Page - Diotec Semiconductor

  US2M Datasheet HTML 1Page - Diotec Semiconductor US2M Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1)I
F = 0.5 A through/über IR = 1 A to/auf IR = 0.25 A
2) Mounted on P.C. board with 50 mm2 copper pads at each terminal
Montage auf Leiterplatte mit 50 mm2 Kupferbelag (Lötpad) an jedem Anschluß
145
28.02.2002
US 2A ... US 2M
Characteristics
Kennwerte
Type
Typ
Reverse recovery time
Sperrverzugszeit
t
rr [ns]
1)
Forward voltage
Durchlaßspannung
V
F [V]
at / bei
I
F [A]
US 2A ... US 2G
< 50
< 1.0
2
US 2J ... US 2M
< 75
< 1.7
2
Characteristics
Kennwerte
Leakage current
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Sperrstrom
T
j = 100
/CV
R = VRRM
I
R
< 200
:A
Thermal resistance junction to ambient air
R
thA
< 60 K/W 2)
Wärmewiderstand Sperrschicht – umgebende Luft
Thermal resistance junction to terminal
R
thT
< 15 K/W
Wärmewiderstand Sperrschicht – Anschluß



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com