Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4028BCJ Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4028BCJ
Description  BCD-to-Decimal Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4028BCJ Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CD4028BCJ Datasheet HTML 1Page - National Semiconductor (TI) CD4028BCJ Datasheet HTML 2Page - National Semiconductor (TI) CD4028BCJ Datasheet HTML 3Page - National Semiconductor (TI) CD4028BCJ Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b
05 to a18V
Input Voltage (VIN)
b
05 to VDD a05V
Storage Temperature Range (TS)
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3 to 15V
Input Voltage (VIN)
0 to VDDV
Operating Temperature Range (TA)
CD4028BM
b
55 Cto a125 C
CD4028BC
b
40 Cto a185 C
DC Electrical Characteristics CD4028BC (Note 2)
Symbol
Parameter
Conditions
b
55 C
a
25 C
a
125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current VDD e 5V VIN e VDD or VSS
5
001
5
150
m
A
VDD e 10V VIN e VDD or VSS
10
001
10
300
m
A
VDD e 15V VIN e VDD or VSS
20
002
20
600
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
VDD e 5V
VO e 05V or 45V
15
225
15
15
V
VDD e 10V
VO e 1V or 9V
30
45
30
30
V
VDD e 15V
VO e 15V or 135V
40
675
40
40
V
VIH
High Level Input Voltage
lIOl k 1 mA
VDD e 5V
VO e 05V or 45V
35
35
275
35
V
VDD e 10V
VO e 1V or 9V
70
70
55
70
V
VDD e 15V
VO e 15V or 135V
110
110
825
110
V
IOL
Low Level Output Current
VIL e 0V VIH e VDD
(Note 3)
VDD e 5V
VO e 04V
064
051
10
036
mA
VDD e 10V
VO e 05V
16
13
26
09
mA
VDD e 15V
VO e 15V
42
34
68
24
mA
IOH
High Level Output Current VIL e 0V VIH e VDD
(Note 3)
VDD e 5V
VO e 46V
b
025
b
02
b
04
b
014
mA
VDD e 10V
VO e 95V
b
062
b
05
b
10
b
035
mA
VDD e 15V
VO e 135V
b
18
b
15
b
30
b
11
mA
IIN
Input Current
VDD e 15V
VIN e 0V
b
01
b
10b5 b01
b
10
m
A
VDD e 15V
VIN e 15V
01
10b5
01
10
m
A
DC Electrical Characteristics CD4028BC (Note 2)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V VIN e VDD or VSS
20
001
20
150
m
A
VDD e 10V VIN e VDD or VSS
40
001
40
300
m
A
VDD e 15V VIN e VDD or VSS
80
002
80
600
m
A
VOL
Low Level Output Voltage
lIOl k 1 mA VIL e 0V VIH e VDD
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com