Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1004 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # GS1004
Description  1.0 AmpereSilion Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

GS1004 Datasheet(HTML) 1 Page - Nanjing International Group Co

  GS1004 Datasheet HTML 1Page - Nanjing International Group Co GS1004 Datasheet HTML 2Page - Nanjing International Group Co GS1004 Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1.0 Ampere
Silion Rectifier
50 to 1000 Volts
Features

Low Leakage Current

Glass Passivated Junction
Maximum Ratings

Operating Temperature(Tj): -65
to +175

Storage Temperature(TSTG): -65
to +175

Typical Thermal Resistance(RthJA): 50
/W
Electrical Characteristics @ 25
Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0
Peak Forward Surge
Current
IFSM
30.0A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.1V-
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
PA
TA = 25
Maximum Full Load
Reverse Current
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
50uA-----TA=100
Average ,Full Cycle
9.5mm Lead Length
TL=75
A
B
E
C
D
H
G
A
-
TA =75
-
TA = 25
-
-
-
30uA
IR
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL rating 1

MCC
Part Number
Device
Marking
Maximum
Recurrent
Peak
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GS1001
A1
50V
35V
50V
GS1002
A2
100V
70V
100V
GS1003
A3
200V
140V
200V
GS1004
A4
400V
280V
400V
GS1005
A5
600V
420V
600V
GS1006
A6
800V
560V
800V
-
-
-
-
-
Reverse
-
-
-
-
-
Voltage
GS1007
A7
1000V
700V
1000V
IF=1A
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
GS1001 THRU GS1007
1.0 Ampere Silion Rectifier


Similar Part No. - GS1004

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
GS1004 DGNJDZ-GS1004 Datasheet
280Kb / 3P
1.0 AmpereSilion Rectifier
logo
SUNMATE electronic Co.,...
GS1004F SUNMATE-GS1004F Datasheet
352Kb / 2P
SURFACE MOUNT SILICON RECTIFIER DIODES
logo
Pan Jit International I...
GS1004FL PANJIT-GS1004FL Datasheet
102Kb / 3P
SURFACE MOUNT SWITCHING DIODES
GS1004FL PANJIT-GS1004FL Datasheet
132Kb / 3P
SURFACE GENERAL PURPOSE RECTIFIERS
logo
YENYO TECHNOLOGY Co., L...
GS1004FL YENYO-GS1004FL Datasheet
234Kb / 2P
1.0A General Purpose Rectifier
More results

Similar Description - GS1004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
Schottky Rectifier, 1.0 A
04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
Schottky Rectifier, 1.0 A
16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
Schottky Rectifier, 1.0 A
21-Apr-08
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
Schottky Rectifier, 1.0 A
15-Nov-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
Schottky Rectifier, 1.0 A
29-May-12
logo
Nanjing International G...
GS1001FL DGNJDZ-GS1001FL Datasheet
303Kb / 3P
1.0 AmpereSilion Rectifier
GS1010 DGNJDZ-GS1010 Datasheet
280Kb / 3P
1.0 AmpereSilion Rectifier
SM4001PL DGNJDZ-SM4001PL Datasheet
248Kb / 3P
1.0 AmpereSilion Rectifier
SM4001WS DGNJDZ-SM4001WS Datasheet
296Kb / 3P
0.3 AmpereSilion Rectifier
logo
Vishay Siliconix
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
Schottky Rectifier, 1.0 A
04-Mar-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com