Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4148 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # LL4148
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

LL4148 Datasheet(HTML) 2 Page - Nanjing International Group Co

  LL4148 Datasheet HTML 1Page - Nanjing International Group Co LL4148 Datasheet HTML 2Page - Nanjing International Group Co LL4148 Datasheet HTML 3Page - Nanjing International Group Co LL4148 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LL4148
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 10 mA
VF
-
1
V
Leakage Current
at VR = 20 V
at VR = 75 V
at VR = 20 V, Tj = 150 OC
IR
IR
IR
-
-
-
25
5
50
nA
µA
µA
Reverse Breakdown Voltage
tested with 100 µA Pulses
V(BR)R
100
-
V
Capacitance
at VR = 0, f = 1 MHz
Ctot
-
4
pF
Voltage Rise when Switching ON
tested with 50 mA Forward Pulses
tp = 0.1 s, Rise Time < 30 ns, fp = 5 to 100 KHz
Vfr
-
2.5
V
Reverse Recovery Time
at IF = 10 mA to IR = 1 mA, VR = 6 V, RL = 100 Ω
trr
-
4
ns
Thermal Resistance Junction to Ambient Air
RthA
-
0.35
1)
K/mW
Rectification Efficiency
at f = 100 MHz, VRF = 2 V
ηV
0.45
-
-
1) Valid provided that electrodes are kept at ambient temperature.
~
~
~
Rectification Efficiency Measurement Circuit



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com