Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4447 Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # LL4447
Description  Silicon Epitaxial Planar Switching Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

LL4447 Datasheet(HTML) 1 Page - Nanjing International Group Co

  LL4447 Datasheet HTML 1Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LL914...LL4454
Silicon Epitaxial Planar Switching Diode
for general purpose and switching.
Peak
Reverse
Voltage
Aver.
Rectified
Current
Power Dissip.
at 25
oC
Junction
Temperature
Forward Voltage
Reverse Current
Reverse Recovery Time
VRM
IF(AV)
Ptot
Tj
VF
at IF
IR
at VR
trr
Type
(V)
Max. (mA)
(mW)
(
oC)
Max. (V)
(mA)
Max. (nA)
(V)
Max.(ns)
Conditions
LL914
100
75
500
200
1
10
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4149
100
150
500
200
1
10
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4151
75
150
500
200
1
50
50
50
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4152
40
150
400
175
0.55
0.1
50
30
2
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4153
75
150
400
175
0.55
0.1
50
50
2
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4154
35
150
500
200
1
30
100
25
2
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4447
100
150
500
200
1
20
25
20
4
IF = 10 mA, VR = 6V,
RL = 100 Ω, to IR = 1 mA
LL4449
100
150
500
200
1
30
25
20
4
IF = 10 mA, VR = 6 V,
RL = 100 Ω, to IR = 1 mA
LL4450
40
150
400
175
0.54
0.5
50
30
4
IF = IR = 10 mA, to IR = 1 mA
LL4451
40
150
400
175
0.5
0.1
50
30
10
IF = IR = 10 mA, to IR = 1 mA
LL4453
30
150
400
175
0.55
0.01
50
20
-
-
LL4454
75
150
400
175
1
10
100
50
4
IF = IR = 10 mA, to IR = 1 mA
LL-34


Similar Part No. - LL4447

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL4447 SEMTECH_ELEC-LL4447 Datasheet
113Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
SUNMATE electronic Co.,...
LL4447 SUNMATE-LL4447 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
More results

Similar Description - LL4447

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
Silicon Epitaxial Planar Switching Diode
MMBD4148 DGNJDZ-MMBD4148 Datasheet
98Kb / 2P
Silicon Epitaxial Planar Switching Diode
logo
Dongguan Pingjingsemi T...
1SS355 PJSEMI-1SS355 Datasheet
407Kb / 3P
Silicon Epitaxial Planar Switching Diode
MMBD7000 PJSEMI-MMBD7000 Datasheet
590Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
DONGGUAN YOU FENG WEI E...
BAV70DW YFWDIODE-BAV70DW Datasheet
342Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
SHIKUES Electronics
1SS352 SKTECHNOLGY-1SS352 Datasheet
398Kb / 3P
Silicon Epitaxial Planar Switching Diode
KDS160 SKTECHNOLGY-KDS160 Datasheet
1Mb / 3P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com