Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ3B3 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # HZ3B3
Description  Silicon Epitaxial Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

HZ3B3 Datasheet(HTML) 3 Page - Nanjing International Group Co

  HZ3B3 Datasheet HTML 1Page - Nanjing International Group Co HZ3B3 Datasheet HTML 2Page - Nanjing International Group Co HZ3B3 Datasheet HTML 3Page - Nanjing International Group Co HZ3B3 Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HZ Series
Characteristics at Ta = 25 OC (VF = 1 V Max. at IF = 100 mA)
Zener Voltage
1)
Reverse Leakage Current
Dynamic Resistance
VZ
at lZT
IR
at VR
ZZT
at lZT
Type
Min. (V)
Max. (V)
(mA)
Max. (µA)
(V)
Max. (Ω)
(mA)
HZ12A1
11.6
12.1
5
1
9.5
35
5
HZ12A2
11.9
12.4
5
1
9.5
35
5
HZ12A3
12.2
12.7
5
1
9.5
35
5
HZ12B1
12.4
12.9
5
1
9.5
35
5
HZ12B2
12.6
13.1
5
1
9.5
35
5
HZ12B3
12.9
13.4
5
1
9.5
35
5
HZ12C1
13.2
13.7
5
1
9.5
35
5
HZ12C2
13.5
14
5
1
9.5
35
5
HZ12C3
13.8
14.3
5
1
9.5
35
5
HZ15-1
14.1
14.7
5
1
11
40
5
HZ15-2
14.5
15.1
5
1
11
40
5
HZ15-3
14.9
15.5
5
1
11
40
5
HZ16-1
15.3
15.9
5
1
12
45
5
HZ16-2
15.7
16.5
5
1
12
45
5
HZ16-3
16.3
17.1
5
1
12
45
5
HZ18-1
16.9
17.7
5
1
13
55
5
HZ18-2
17.5
18.3
5
1
13
55
5
HZ18-3
18.1
19
5
1
13
55
5
HZ20-1
18.8
19.7
2
1
15
60
2
HZ20-2
19.5
20.4
2
1
15
60
2
HZ20-3
20.2
21.1
2
1
15
60
2
HZ22-1
20.9
21.9
2
1
17
65
2
HZ22-2
21.6
22.6
2
1
17
65
2
HZ22-3
22.3
23.3
2
1
17
65
2
HZ24-1
22.9
24
2
1
19
70
2
HZ24-2
23.6
24.7
2
1
19
70
2
HZ24-3
24.3
25.5
2
1
19
70
2
HZ27-1
25.2
26.6
2
1
21
80
2
HZ27-2
26.2
27.6
2
1
21
80
2
HZ27-3
27.2
28.6
2
1
21
80
2
HZ30-1
28.2
29.6
2
1
23
100
2
HZ30-2
29.2
30.6
2
1
23
100
2
HZ30-3
30.2
31.6
2
1
23
100
2
HZ33-1
31.2
32.6
2
1
25
120
2
HZ33-2
32.2
33.6
2
1
25
120
2
HZ33-3
33.2
34.6
2
1
25
120
2
HZ36-1
34.2
35.7
2
1
27
140
2
HZ36-2
35.3
36.8
2
1
27
140
2
HZ36-3
36.4
38
2
1
27
140
2
1) Tested with pulses tp = 20 ms.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com