Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMM10
Description  Surface mount Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMM10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMM10 Datasheet HTML 1Page - Diotec Semiconductor ZMM10 Datasheet HTML 2Page - Diotec Semiconductor ZMM10 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
2
F:\Data\WP\DatBlatt\Einzelblätter\Sondertypen\zmm3.9-100-2%.wpd
ZMM 3.9-2% … ZMM 100-2% (500 mW)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 1)
Zener-Spanng. 1)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [
S] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4 /
/C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Z-current 2)
Z-Strom 2)
T
A = 25
/C
I
Zmax [mA]
ZMM 3.9-2%
3.81
3,99
< 85
< 600
-8…-5
1 (2
:A)
125
ZMM 4.3-2%
4,20
4,40
< 75
< 600
-6…-3
1 (1
:A)
114
ZMM 4.7-2%
4,60
4,80
< 60
< 600
-5…+2
1 (0.5
:A)
104
ZMM 5.1-2%
4,99
5,21
< 35
< 550
-2…+2
1
96
ZMM 5.6-2%
5,48
5,72
< 25
< 450
-5…+5
1
87
ZMM 6.2-2%
6,07
6,33
< 10
< 200
+3…+6
2
79
ZMM 6.8-2%
6,65
6,95
< 8
< 150
+3…+7
3
72
ZMM 7.5-2%
7,34
7,66
< 7
< 50
+3…+7
5
65
ZMM 8.2-2%
8,03
8,37
< 7
< 50
+3…+8
6
60
ZMM 9.1-2%
8,91
9,29
< 10
< 50
+3…+9
7
54
ZMM 10-2%
9,79
10,21
< 15
< 70
+3…+10
7
49
ZMM 11-2%
10,79
11,21
< 20
< 70
+3…+11
8
45
ZMM 12-2%
11,79
12,21
< 20
< 90
+3…+11
9
41
ZMM 13-2%
12,68
13,32
< 26
< 110
+3…+11
10
38
ZMM 15-2%
14,68
15,32
< 30
< 110
+3…+11
11
33
ZMM 16-2%
15,68
16,32
< 40
< 170
+3…+11
12
31
ZMM 18-2%
17,58
18,42
< 50
< 170
+3…+11
13
27
ZMM 20-2%
19,58
20,42
< 55
< 220
+3…+11
15
24
ZMM 22-2%
21,58
22,42
< 55
< 220
+4…+12
16
22
ZMM 24-2%
23,48
24,52
< 80
< 220
+4…+12
18
20
ZMM 27-2%
26,48
27,52
< 80
< 220
+4…+12
20
18
ZMM 30-2%
29,38
30,62
< 80
< 220
+4…+12
22
16
ZMM 33-2%
33,2
33,8
< 80
< 220
+4…+12
24
15
ZMM 36-2%
35,2
36,8
< 80
< 220
+4…+12
27
14
ZMM 39-2%
38,1
39,9
< 90
< 500
+4…+12
30
13
ZMM 43-2%
42,0
44,0
< 90
< 500
+4…+12
33
11
ZMM 47-2%
46,0
48,0
<110
< 600
+4…+12
36
10
ZMM 51-2%
49,9
52,1
< 125
< 700
+4…+12
39
10
ZMM 56-2%
54,8
57,2
< 135
< 700
+4…+12
43
9
ZMM 62-2%
60,7
63,3
< 150
< 1000
+4…+12
47
8
ZMM 68-2%
66,5
69,5
< 200
< 1000
+4…+12
51
7
ZMM 75-2%
73,4
76,6
< 250
< 1000
+4…+12
56
6
ZMM 82-2%
80,3
83,7
< 300
< 1500
+5…+12
62
6
ZMM 91-2%
89,1
92,9
< 450
< 2000
+5…+12
68
5
ZMM 100-2%
97,9
102,1
< 450
< 5000
+5…+12
75
5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com