Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBY271 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # PBY271
Description  Silicon-Power Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

PBY271 Datasheet(HTML) 1 Page - Diotec Semiconductor

  PBY271 Datasheet HTML 1Page - Diotec Semiconductor PBY271 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Valid, if the temp. of the stud is kept to 100
/C – Gültig, wenn die Temp. am Gewinde auf 100/C gehalten wird
1
26.03.2002
1N 1199A ... 1N 1206A, 1N 3671, 1N 3673
PBY 271 ... PBY 277
Silicon-Power Rectifiers
Silizium-Leistungs-Gleichrichter
Nominal current – Nennstrom
12 A
Repetitive peak reverse voltage
50...1000 V
Periodische Spitzensperrspannung
Metal case – Metallgehäuse
DO-4
Weight approx. – Gewicht ca.
5.5 g
Recommended mounting torque
18 ± 10% lb.in.
Empfohlenes Anzugsdrehmoment
2 ± 10% Nm
Standard: Cathode to stud / am Gewinde
Dimensions / Maße in mm
Index R:
Anode to stud / am Gewinde (e.g. 1N 1199 A/R)
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
1N 1199 A = PBY 271
50
60
1N 1200 A = PBY 272
100
120
1N 1202 A = PBY 273
200
240
1N 1204 A = PBY 274
400
480
1N 1206 A = PBY 275
600
720
1N 3671
= PBY 276
800
1000
1N 3673
= PBY 277
1000
1200
Max. average forward rectified current, R-load
T
C = 100
/CI
FAV
12 A 1)
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
40 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 Hz half sine-wave
T
A = 25
/CI
FSM
220 A
Stoßstrom für eine 50 Hz Sinus-Halbwelle
Peak forward surge current, 60 Hz half sine-wave
T
A = 25
/CI
FSM
240 A
Stoßstrom für eine 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t < 10 ms
T
A = 25
/Ci2t
240 A2s


Similar Part No. - PBY271

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PBY271 DIOTEC-PBY271 Datasheet
128Kb / 2P
Silicon-Power-Rectifiers
More results

Similar Description - PBY271

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183 Datasheet
160Kb / 2P
Silicon-Power Rectifiers
logo
List of Unclassifed Man...
VF10-5 ETC-VF10-5 Datasheet
167Kb / 1P
High voltage diffused silicon power rectifiers
logo
Edal Industries, Inc.
E4A3 EDAL-E4A3 Datasheet
1Mb / 2P
Silicon Power Rectifiers
F3A3 EDAL-F3A3 Datasheet
839Kb / 2P
Silicon Power Rectifiers
G5A3 EDAL-G5A3 Datasheet
626Kb / 2P
Silicon Power Rectifiers
J5A3 EDAL-J5A3 Datasheet
848Kb / 2P
Silicon Power Rectifiers
logo
Diotec Semiconductor
1N1183 DIOTEC-1N1183_07 Datasheet
129Kb / 2P
Silicon-Power-Rectifiers
1N1199A DIOTEC-1N1199A_07 Datasheet
128Kb / 2P
Silicon-Power-Rectifiers
logo
New Jersey Semi-Conduct...
1N248 NJSEMI-1N248 Datasheet
100Kb / 1P
Silicon Power Rectifiers
1N1202A NJSEMI-1N1202A Datasheet
124Kb / 1P
Silicon Avalanche Power Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com