Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMM10 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # ZMM10
Description  Surface mount Silicon Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZMM10 Datasheet(HTML) 2 Page - Diotec Semiconductor

  ZMM10 Datasheet HTML 1Page - Diotec Semiconductor ZMM10 Datasheet HTML 2Page - Diotec Semiconductor ZMM10 Datasheet HTML 3Page - Diotec Semiconductor ZMM10 Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1) Notes see previous page – Fußnoten siehe vorhergehende Seite
2
ZMM 1 … ZMM 100 (500 mW)
Maximum ratings
Grenzwerte
Type
Typ
Zener voltage 1)
Zener-Spanng. 1)
I
Z = 5 mA
V
zmin [V] Vzmax
Dynamic resistance
Inhär. diff. Widerstand
r
zj [
S] at f = 1 kHz
I
Z = 5 mA
I
Z = 1 mA
Temp. Coeffiz.
of Z-voltage
…der Z-spanng.
"
VZ [10
-4 /
/C]
Reverse volt.
Sperrspanng.
I
R = 100 nA
V
R [V]
Z-current 2)
Z-Strom 2)
T
A = 25
/C
I
Zmax [mA]
ZMM 1 3)
0.71
0.82
< 8
< 50
-26…-23
–
400
ZMM 2.4
2.28
2.56
< 85
< 600
-9...-6
1 (50
:A)
195
ZMM 2.7
2.5
2.9
< 85
< 600
-9...-6
1 (10
:A)
172
ZMM 3.0
2.8
3.2
< 85
< 600
-8...-5
1 (4
:A)
156
ZMM 3.3
3.1
3.5
< 85
< 600
-8...-5
1 (2
:A)
143
ZMM 3.6
3.4
3.8
< 85
< 600
-8...-5
1 (2
:A)
132
ZMM 3.9
3.7
4.1
< 85
< 600
-8…-5
1 (2
:A)
122
ZMM 4.3
4.0
4.6
< 75
< 600
-6…-3
1 (1
:A)
109
ZMM 4.7
4.4
5.0
< 60
< 600
-5…+2
1 (0.5
:A)
100
ZMM 5.1
4.8
5.4
< 35
< 550
-2…+2
1
93
ZMM 5.6
5.2
6.0
< 25
< 450
-5…+5
1
83
ZMM 6.2
5.8
6.6
< 10
< 200
+3…+6
2
76
ZMM 6.8
6.4
7.2
< 8
< 150
+3…+7
3
69
ZMM 7.5
7.0
7.9
< 7
< 50
+3…+7
5
63
ZMM 8.2
7.7
8.7
< 7
< 50
+3…+8
6
57
ZMM 9.1
8.5
9.6
< 10
< 50
+3…+9
7
52
ZMM 10
9.4
10.6
< 15
< 70
+3…+10
7
47
ZMM 11
10.4
11.6
< 20
< 70
+3…+11
8
43
ZMM 12
11.4
12.7
< 20
< 90
+3…+11
9
39
ZMM 13
12.4
14.1
< 26
< 110
+3…+11
10
35
ZMM 15
13.8
15.6
< 30
< 110
+3…+11
11
32
ZMM 16
15.3
17.1
< 40
< 170
+3…+11
12
29
ZMM 18
16.8
19.1
< 50
< 170
+3…+11
13
26
ZMM 20
18.8
21.2
< 55
< 220
+3…+11
15
24
ZMM 22
20.8
23.3
< 55
< 220
+4…+12
16
21
ZMM 24
22.8
25.6
< 80
< 220
+4…+12
18
20
ZMM 27
25.1
28.9
< 80
< 220
+4…+12
20
17
ZMM 30
28
32
< 80
< 220
+4…+12
22
16
ZMM 33
31
35
< 80
< 220
+4…+12
24
14
ZMM 36
34
38
< 80
< 220
+4…+12
27
13
ZMM 39
37
41
< 90
< 500
+4…+12
30
12
ZMM 43
40
46
< 90
< 500
+4…+12
33
11
ZMM 47
44
50
<110
< 600
+4…+12
36
10
ZMM 51
48
54
< 125
< 700
+4…+12
39
9
ZMM 56
52
60
< 135
< 700
+4…+12
43
8
ZMM 62
58
66
< 150
< 1000
+4…+12
47
8
ZMM 68
64
72
< 200
< 1000
+4…+12
51
7
ZMM 75
70
79
< 250
< 1000
+4…+12
56
6
ZMM 82
77
88
< 300
< 1500
+5…+12
62
6
ZMM 91
85
96
< 450
< 2000
+5…+12
68
5
ZMM 100
94
106
< 450
< 5000
+5…+12
75
5



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com