Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4066BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4066BM
Description  Quad Bilateral Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4066BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4066BM Datasheet HTML 1Page - National Semiconductor (TI) CD4066BM Datasheet HTML 2Page - National Semiconductor (TI) CD4066BM Datasheet HTML 3Page - National Semiconductor (TI) CD4066BM Datasheet HTML 4Page - National Semiconductor (TI) CD4066BM Datasheet HTML 5Page - National Semiconductor (TI) CD4066BM Datasheet HTML 6Page - National Semiconductor (TI) CD4066BM Datasheet HTML 7Page - National Semiconductor (TI) CD4066BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5665
June 1992
CD4066BMCD4066BC Quad Bilateral Switch
General Description
The CD4066BMCD4066BC is a quad bilateral switch in-
tended for the transmission or multiplexing of analog or digi-
tal signals It is pin-for-pin compatible with CD4016BM
CD4016BC but has a much lower ‘‘ON’’ resistance and
‘‘ON’’ resistance is relatively constant over the input-signal
range
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Wide range of digital and
g
75 VPEAK
analog switching
Y
‘‘ON’’ resistance for 15V operation
80X
Y
Matched ‘‘ON’’ resistance
D
RONe5X (typ)
over 15V signal input
Y
‘‘ON’’ resistance flat over peak-to-peak signal range
Y
High ‘‘ON’’‘‘OFF’’
65 dB (typ)
output voltage ratio
fise10 kHz RLe10 kX
Y
High degree linearity
01% distortion (typ)
High degree linearity
fise1 kHz Vise5Vp-p
High degree linearity
VDDbVSSe10V RLe10 kX
Y
Extremely low ‘‘OFF’’
01 nA (typ)
switch leakage
VDDbVSSe10V TAe25 C
Y
Extremely high control input impedance
1012X(typ)
Y
Low crosstalk
b
50 dB (typ)
between switches
fise09 MHz RLe1kX
Y
Frequency response switch ‘‘ON’’
40 MHz (typ)
Applications
Y
Analog signal switchingmultiplexing
 Signal gating
 Squelch control
 Chopper
 ModulatorDemodulator
 Commutating switch
Y
Digital signal switchingmultiplexing
Y
CMOS logic implementation
Y
Analog-to-digitaldigital-to-analog conversion
Y
Digital control of frequency impedance phase and an-
alog-signal-gain
Schematic and Connection Diagrams
TLF5665 – 1
Dual-In-Line Package
Top View
Order Number CD4066B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4066BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4066BM TI-CD4066BM Datasheet
547Kb / 20P
CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066BM TI-CD4066BM Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
CD4066BM TI1-CD4066BM Datasheet
1Mb / 26P
CMOS QUAD BILATERAL SWITCH
CD4066BM TI1-CD4066BM Datasheet
1Mb / 25P
CMOS QUAD BILATERAL SWITCH
More results

Similar Description - CD4066BM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
QUAD BILATERAL SWITCH
Oct-1993
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
Quad Bilateral Switch
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
Quad Bilateral Switch
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
QUAD BILATERAL SWITCH
logo
STMicroelectronics
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
QUAD BILATERAL SWITCH
29-Jul-2004
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
Quad Bilateral Switch
logo
Unisonic Technologies
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com