Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB1468 Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI5USB1468
Description  USB Host Charger Controller supporting BC1.2, YD/T-1591, & non-standard protocols
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5USB1468 Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI5USB1468 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5USB1468 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
www.pericom.com
P-0.1
10/03/13
PI5USB1468
USB Host Charger Controller IC PI5USB1468A
Internal Resistors (VDD = 5.0V +/- 5%, Ambient Temperature -40 to +85oC)
Symbol
Parameter
Test Condition
Min. Typ.
Max. Unit
RPD
D+/D- Short Pull-down
350
500
700
kΩ
RTRP
RP1/RP2 Ratio
1.485
1.5
1.515
Ratio
RRP
RP1 + RP2 Resistance
93.75
125.0
156.25 kΩ
RTRM
RM1/RM2 Ratio
0.8544 0.863
0.872
Ratio
RPM
RM1 + RM2 Resistance
69.75
93.0
115.18 kΩ
CDP Mode
Symbol
Parameter
Test Condition
Min
Max
Units
V_D-_SRC
Voltage source on D- for CDP detect
VD- = 0.6V
0.5
0.7
V
V_D+_SINK
D+_IN sink current
0.4V < = VD- < 0.8V
50
150
uA
Parameter
Description
Test Condition
Min Typ Max Units
Tpd
Propagation delay
Output has no load
0.3
ns
Intra-Pair
Skew
Output skew, bit to bit
(Between + and - of same
pair)
Output has no load
10
ps
TON
Turn on time for USB path C
L = 35pF, RL = 300W (Figure 1)
0.5
ms
TOFF
Turn off time for USB path C
L = 35pF, RL = 300W (Figure 1)
0.25
Application Reccomendations & Reference Design Diagram
PI5USB1468 - Pull down resistor @ INT#
VDD
SB/
Y-
Y+
GND
INT
D-
D+
SEL
Mode selection
(GPIO)
USB
controller
SDP/CDP support
selection
(pull up or pull down
resistor)
Vbus
switch
D-
D+
VBUS
GND
+5V
USB
connector
0.1uF
22uF
+5V
PI5USB1468A
13-0147



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com