Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5V330W Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5V330W
Description  Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V330W Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5V330W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5V330W Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS7032I
01/14/13
PI5V330
Low On-Resistance Wideband/Video
Quad 2-Channel Mux/DeMux
Power Supply Characteristics
Parameters
Description
Test Conditions(1)
Min. Typ(2) Max. Units
ICC
QuiescentPower
SupplyCurrent
VCC=Max.
IN=GNDorVCC
0.1
3.0
µA
∆ICC
SupplyCurrentperInput
@TTLHIGH
VCC=Max.
IN=3.4V(3)
2.5
mA
ICCD
SupplyCurrentperInput
perMHz(4)
VCC=Max.,S1,S2andD
PinsOpenEN=GND
ControlInputToggling
50%DutyCycle
0.25
mA/
MHz
Notes:
1. ForMax.orMin.conditions,useappropriatevaluespecifiedunderElectricalCharacteristicsfortheapplicabledevice.
2. TypicalvaluesareatVCC=5.0V,+25°Cambient.
3. PerTTLdriveninput(VIN = 3.4V, controlinputsonly);S1,S2,andDpinsdonotcontributetoICC.
4. Thiscurrentappliestothecontrolinputsonlyandrepresentthecurrentrequiredtoswitchinternalcapacitanceatthespecifiedfrequency.The
S1,S2,andDI/OpinsgeneratenosignificantACorDCcurrentsastheytransition.Thisparameterisnottested,butisguaranteedbydesign.
Notes:
1. Thisparameterisdeterminedbydevicecharacterizationbutisnotproductiontested.
Dynamic Characteristics (OvertheOperatingRange,TA = –40°Cto+85°C,VCC=5V±5%)
Parameters
Description
Test Conditions
Min.
Typ.
Max.
Unit
tON
TurnOnTime
RL=75Ω,CL = 20PF,SeeFig.4
2.5
5
ns
tOFF
TurnOffTime
RL=75Ω,CL = 20PF,SeeFig.4
1.1
5
BW(1)
-3dBBandwidth
SeeFig.5
400
MHz
XTALK
Crosstalk
10MHz,SeeFig.5
-80
dB
CIN(1)
Input/EnableCapacitance
VIN=0V,f=1MHz
6
pF
COFF(1)
Capacitance,SwitchOff
VIN=0V,f=1MHz
6
CON(1)
Capacitance,SwitchOn
VIN=0V,f=1MHz
9
OIRR
OffIsolation
10MHz,SeeFig5
-56
dB
13-0017



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com