Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B40C3700 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # B40C3700
Description  Silicon-Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

B40C3700 Datasheet(HTML) 2 Page - Diotec Semiconductor

  B40C3700 Datasheet HTML 1Page - Diotec Semiconductor B40C3700 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1) Without cooling fin – Ohne Kühlblech
2) Valid for one branch – Gültig für einen Brückenzweig
2
F:\Data\WP\DatBlatt\Einzelblätter\b_c3700ul.wpd
B…C 3700-2200
Characteristics
Kennwerte
Max. fwd. current without cooling fin
T
A = 50
/CR-load
I
FAV
2.7 A
Dauergrenzstrom ohne Kühlblech
C-load
I
FAV
2.2 A
Max. current with cooling fin 300 cm2
T
A = 50
/CR-load
I
FAV
4.8 A
Dauergrenzstrom mit Kühlblech 300 cm2
C-load
I
FAV
3.7 A
Leakage current – Sperrstrom
T
j = 25
/CV
R = VRRM
I
R
< 10
:A
Thermal resistance junction to ambient air
R
thA
< 25 K/W 1)
Wärmewiderstand Sperrschicht – umgebende Luft
Type
Typ
Max. admissible load capacitor
Max. zulässiger Ladekondensator
C
L [
:F]
Min. required protective resistor
Min. erforderl. Schutzwiderstand
R
t [
S]
B40C 3700-2200
5000
0.5
B80C 3700-2200
2500
1.0
B125C 3700-2200
1500
2.0
B250C 3700-2200
800
4.0
B380C 3700-2200
600
5.0
B500C 3700-2200
400
6.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com