Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLNETCARD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # TLNETCARD
Description  Web Management Accessory Card for SmartPro or SmartOnline UPS Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLNETCARD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  TLNETCARD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLNETCARD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Web Management Accessory Card for SmartPro® or
SmartOnline® UPS Systems
MODEL NUMBER: TLNETCARD
Description
The TLNETCARD turns a compatible* SmartPro or SmartOnline UPS with an accessory slot into a device you
can manage on your network. By inserting the TLNETCARD into the slot and using an SNMP network
management platform, web browser, SSH or Telnet, you can monitor and control the UPS in your server room,
data center or network closet. The TLNETCARD's intuitive web interface does not require the Java Runtime
Environment (JRE)
Keep an eye on site electrical data, UPS device status and logged power-related events, such as blackouts,
brownouts and overvoltages. Reboot locked network equipment remotely without disrupting power to other
devices when using the TLNETCARD with controllable outlets or remotely switchable outlets available on select
Tripp Lite UPS systems.
Tiered access allows three levels of permissions to be assigned to users for monitoring or controlling the UPS. If an electrical or UPS-related problem occurs
on-site, you’ll be notified immediately via email or SNMP trap.
The TLNETCARD lets you configure and schedule automatic UPS-driven actions, perform UPS-related tests and shutdowns, upgrade firmware and upload
configurations from the web interface.
Multiple protocols are supported, including IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv3, Telnet, SSH, FTP, DHCP, BOOTP and SCP. DHCP/manual
configuration support enables network settings to be assigned automatically or manually.
* See Resources section for a list of compatible devices
Features
Enhanced UPS Management and Control
Allows a compatible* Tripp Lite SmartPro or SmartOnline UPS system to become a network device that can be managed from anywhere across the globe
Lets IT managers remotely monitor site electrical data, UPS device status and logged power-related events
Highlights
Enables remote UPS
management from virtually
anywhere in the world
Sends user-configurable alerts
via SNMP or email
Allows mass configuration and
updating of multiple units using
TLNET Configurator utility
Logs power events, alerts and
electrical data
Web interface does not require
the Java Runtime Environment
* See Resources section for a list of
compatible devices
System Requirements
Compatible* Tripp Lite SmartPro
or SmartOnline UPS system
Web browser or terminal emulator
* See Resources section for a list of
compatible devices
Package Includes
TLNETCARD Web Management
Accessory Card
Configuration cable (7315E1)
Faceplates (x3)
Owner's Manual
1 / 2


Similar Part No. - TLNETCARD

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TLN LITTELFUSE-TLN Datasheet
115Kb / 1P
Telecommunications Power Fuse
logo
AVX Corporation
TLN AVX-TLN Datasheet
218Kb / 4P
High Capacitance Tantalum Solid Electrolytic Chip Capacitors Undertab Series
logo
TAITRON Components Inco...
TLN-G4SF-513 TAITRON-TLN-G4SF-513 Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-G4SF-513-XX-BL TAITRON-TLN-G4SF-513-XX-BL Datasheet
247Kb / 6P
2mm x 5mm Rectangular Lamp LED
TLN-H4Q5-583 TAITRON-TLN-H4Q5-583 Datasheet
245Kb / 6P
5mm x 5mm Square Lamp LED
More results

Similar Description - TLNETCARD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AS400CABLEKIT2 TRIPPLITE-AS400CABLEKIT2 Datasheet
485Kb / 2P
UPS Communication Cable Kit - System i-AS400/iSeries Servers for select SmartOnline and SmartPro UPS
MODBUSCARD TRIPPLITE-MODBUSCARD Datasheet
504Kb / 2P
MODBUS Management Accessory Card for UPS Remote Monitoring and Control
SUPDMB6KHW TRIPPLITE-SUPDMB6KHW Datasheet
496Kb / 2P
Detachable PDU option for compatible SmartOnline UPS Systems, Hardwired Input-Output
SUPDMB6KIEC TRIPPLITE-SUPDMB6KIEC Datasheet
474Kb / 2P
Detachable PDU option for compatible SmartOnline UPS Systems, Hardwired Input-C19 Outlets
SUPDMB710IEC TRIPPLITE-SUPDMB710IEC Datasheet
504Kb / 2P
Detachable PDU option with IEC output connections for compatible SmartOnline UPS Systems
RBC48S TRIPPLITE-RBC48S Datasheet
169Kb / 2P
Replacement Battery Cartridge for Select 48V Tripp Lite SmartOnline UPS Systems
RBC72S TRIPPLITE-RBC72S Datasheet
161Kb / 2P
Replacement Battery Cartridge for Select 72V Tripp Lite SmartOnline UPS Systems
WEBCARDLX TRIPPLITE-WEBCARDLX Datasheet
171Kb / 3P
Web Management Accessory Card
MODBUSCARDSV TRIPPLITE-MODBUSCARDSV Datasheet
166Kb / 2P
Programmable RS-485 Management Accessory Card for Select 3-Phase UPS Systems
WEBCARDLXE TRIPPLITE-WEBCARDLXE Datasheet
44Kb / 2P
WEBCARDLXE Network Management Card for Select UPS Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com