Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPR-1U Datasheet(PDF) 2 Page - CUI INC

Part # PPR-1U
Description  RACK ACCESSORY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PPR-1U Datasheet(HTML) 2 Page - CUI INC

  PPR-1U Datasheet HTML 1Page - CUI INC PPR-1U Datasheet HTML 2Page - CUI INC PPR-1U Datasheet HTML 3Page - CUI INC PPR-1U Datasheet HTML 4Page - CUI INC PPR-1U Datasheet HTML 5Page - CUI INC PPR-1U Datasheet HTML 6Page - CUI INC PPR-1U Datasheet HTML 7Page - CUI INC PPR-1U Datasheet HTML 8Page - CUI INC PPR-1U Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
cui.com
date 11/20/2015
│ page 2 of 11
CUI Inc
│ SERIES: PPR-1U │ DESCRIPTION: RACK ACCESSORY
POWER SHELF
Power Shelf
Model Number
Power Module
Model Number
Airflow
Direction
Shelf Power
Standby
Output
IEC Inlet
Type
110 Vin
220 Vin
PPR-1U
PSE-3000-48-F or PSE-3000-54-F
Front to Back
6,000 W
12,000 W
All Parallel,
single output,
configuration A
C22
PPR-1U-A
PSE-3000-48-F or PSE-3000-54-F
Front to Back
6,000 W
12,000 W dual output
C22
PPR-1U-B
PSE-3000-48-B or PSE-3000-54-B
Back to Front
5,400 W
12,000 W
All Parallel,
single output
configuration A
C20
PPR-1U-C
PSE-3000-48-B or PSE-3000-54-B
Back to Front
5,400 W
12,000 W dual output
C20
PPR-1U-D
PSE-3000-48-F or PSE-3000-54-F
Front to Back
6,000 W
12,000 W
All Parallel,
single output
configuration B
C22
PPR-1U-E
PSE-3000-48-B or PSE-3000-54-B
Back to Front
5,400 W
12,000 W
All Parallel,
single output
configuration B
C20
PPR-1U, PPR-1U-A, PPR-1U-D - FRONT TO BACK AIRFLOW
PPR-1U-B, PPR-1U-C, PPR-1U-E - BACK TO FRONT AIRFLOW
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com