Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4029 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CD4029
Description  Presettable Binary/Decade Up/Down Counter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4029 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CD4029 Datasheet HTML 1Page - National Semiconductor (TI) CD4029 Datasheet HTML 2Page - National Semiconductor (TI) CD4029 Datasheet HTML 3Page - National Semiconductor (TI) CD4029 Datasheet HTML 4Page - National Semiconductor (TI) CD4029 Datasheet HTML 5Page - National Semiconductor (TI) CD4029 Datasheet HTML 6Page - National Semiconductor (TI) CD4029 Datasheet HTML 7Page - National Semiconductor (TI) CD4029 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DC Electrical Characteristics CD4029BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIL
Low Level
VDD e 5V VO e 05V or 45V
15
15
15
V
Input Voltage
VDD e 10V VO e 1V or 9V
30
30
30
V
VDD e 15V VO e 15V or 135V
40
40
40
V
VIH
High Level
VDD e 5V VO e 05V or 45V
35
35
35
V
Input Voltage
VDD e 10V VO e 1V or 9V
70
70
70
V
VDD e 15V VO e 15V or 135V
110
110
110
V
IOL
Low Level Output
VDD e 5V VO e 04V
052
044
088
036
mA
Current (Note 3)
VDD e 10V VO e 05V
13
11
225
09
mA
VDD e 15V VO e 15V
36
30
88
24
mA
IOH
High Level Output
VDD e 5V VO e 46V
b
052
b
044
b
088
b
036
mA
Current (Note 3)
VDD e 10V VO e 95V
b
13
b
11
b
225
b
09
mA
VDD e 15V VO e 135V
b
36
b
30
b
88
b
24
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k Input trCL e tfCL e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCKED OPERATION
tPHL or tPLH
Propagation Delay Time
VDD e 5V
200
400
ns
to Q Outputs
VDD e 10V
85
170
ns
VDD e 15V
70
140
ns
tPHL or tPLH
Propagation Delay Time
VDD e 5V
320
640
ns
to Carry Output
VDD e 10V
135
270
ns
VDD e 15V
110
220
ns
tPHL or tPLH
Propagation Delay Time
CL e 15 pF
to Carry Output
VDD e 5V
285
570
ns
VDD e 10V
120
240
ns
VDD e 15V
95
190
ns
tTHL or tTLH
Transition TimeQ
VDD e 5V
100
200
ns
or Carry Output
VDD e 10V
50
100
ns
VDD e 15V
40
80
ns
tWH or tWL
Minimum Clock
VDD e 5V
160
320
ns
Pulse Width
VDD e 10V
70
135
ns
VDD e 15V
55
110
ns
trCL or tfCL
Maximum Clock Rise
VDD e 5V
15
m
s
and Fall Time
VDD e 10V
10
m
s
VDD e 15V
5
m
s
tSU
Minimum Set-Up Time
VDD e 5V
180
360
ns
VDD e 10V
70
140
ns
VDD e 15V
55
110
ns
fCL
Maximum Clock Frequency
VDD e 5V
15
31
MHz
VDD e 10V
37
74
MHz
VDD e 15V
45
9
MHz
CIN
Average Input Capacitance
Any Input
5
75
pF
CPD
Power Dissipation Capacitance
Per Package (Note 4)
65
pF
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com