Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BAS70
Description  Surface mount Schottky-Barrier Single-/ Double-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BAS70 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BAS70 Datasheet HTML 1Page - Diotec Semiconductor BAS70 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2
3
1
2
3
1
2
3
1
2
3
1
2
Schottky-Diodes
BAS70 ...-04 ...-05 ...-06
Characteristics (Tj = 25 C)
Kennwerte (Tj = 25 C)
Max. junction Capacitance – Max. Sperrschichtkapazität
V
R = 0 V, f = 1 MHz
C
T
2 pF
Reverse recovery time - Sperrverzug
I
F = 10 mA über / through IR = 10 mA bis / to IR = 1 mA
t
rr
< 5 ns
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
R
thA
400 K/W 3)
Outline – Gehäuse
Pinning – Anschlußbelegung
Marking – Stempelung
Single diode – Einzeldiode
1 = A 2 = n.c. 3 = K
BAS70 = 73
Double diode, series connect.
Doppeldiode, Reihenschaltung
1 = A1 2 = K2 3 = K1 / A2
BAS70-04 = 74
Double diode, common cathode
Doppeldiode, gemeins. Katode
1 = A1 2 = A2 3 = K1 / K2
BAS70-05 = 75
Double diode, common anode
Doppeldiode, gemeins. Anode
1 = K1 2 = K2 3 = A1 / A2
BAS70-06 = 76



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com