Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4093BM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # CD4093BM
Description  Quad 2-Input NAND Schmitt Trigger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4093BM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CD4093BM Datasheet HTML 1Page - National Semiconductor (TI) CD4093BM Datasheet HTML 2Page - National Semiconductor (TI) CD4093BM Datasheet HTML 3Page - National Semiconductor (TI) CD4093BM Datasheet HTML 4Page - National Semiconductor (TI) CD4093BM Datasheet HTML 5Page - National Semiconductor (TI) CD4093BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5982
February 1993
CD4093BMCD4093BC Quad
2-Input NAND Schmitt Trigger
General Description
The CD4093B consists of four Schmitt-trigger circuits Each
circuit functions as a 2-input NAND gate with Schmitt-trigger
action on both inputs The gate switches at different points
for positive and negative-going signals The difference be-
tween the positive (VTa) and the negative voltage (VTb)is
defined as hysteresis voltage (VH)
All outputs have equal source and sink currents and con-
form to standard B-series output drive (see Static Electrical
Characteristics)
Features
Y
Wide supply voltage range
30V to 15V
Y
Schmitt-trigger on each input
with no external components
Y
Noise immunity greater than 50%
Y
Equal source and sink currents
Y
No limit on input rise and fall time
Y
Standard B-series output drive
Y
Hysteresis voltage (any input) TA e 25 C
Typical
VDD e 50V
VH e 15V
VDD e 10V
VH e 22V
VDD e 15V
VH e 27V
Guaranteed
VH e 01 VDD
Applications
Y
Wave and pulse shapers
Y
High-noise-environment systems
Y
Monostable multivibrators
Y
Astable multivibrators
Y
NAND logic
Connection Diagram
Dual-In-Line Package
TLF5982 – 1
Top View
Order Number CD4093B
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - CD4093BM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093BM TI-CD4093BM Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
CD4093BM TI1-CD4093BM Datasheet
978Kb / 17P
CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BM TI2-CD4093BM Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
CD4093BM.A TI2-CD4093BM.A Datasheet
1,023Kb / 21P
CMOS Quad 2-Input NAND Schmitt Triggers
Revised September 2003
CD4093BM96 TI-CD4093BM96 Datasheet
574Kb / 12P
CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
More results

Similar Description - CD4093BM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC132 PHILIPS-74AHC132 Datasheet
106Kb / 16P
Quad 2-input NAND Schmitt trigger
1999 Sep 24
logo
ON Semiconductor
MC74LVX132 ONSEMI-MC74LVX132 Datasheet
93Kb / 8P
Quad 2-Input NAND Schmitt Trigger
March, 2005 ??Rev. 2
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
Quad 2-Input NAND Schmitt Trigger
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com